Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2187 Datasheet (PDF) - Dallas Semiconductor

DS2187 Datasheet PDF - Dallas Semiconductor
Part # DS2187
Download  DS2187 Download
File Size   129.76 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Receive Line Interface

DS2187 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2187 Datasheet PDF - Dallas Semiconductor

Part # DS2187
Download  DS2187 Click to download

File Size   129.76 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Receive Line Interface

DS2187 Datasheet (HTML) - Dallas Semiconductor


DS2187 Product details

DESCRIPTION
The DS2187 T1/CEPT Receive Line Interface chip interfaces user equipment to North American (T1 1.544 MHz) and European (CEPT 2.048 MHz) primary rate communication networks. The device extracts clock and data from twisted pair or coax transmission media and eliminates expensive discrete components and/or manual tuning required in existing T1 and CEPT line termination electronics.
Application areas include DACS, CSU, CPE, channel banks, and PABX-to-computer interfaces such as DMI and CPI.

FEATURES
■ Line interface for T1 (1.544 MHz) and CEPT (2.048 MHz) primary rate networks
■ Extracts clock and data from twisted pair or coax
■ Meets requirements of PUB 43801, TR 62411, and applicable CCITT G.823
■ Precision on-chip PLL eliminates external crystal or LC tank - no tuning required
■ Decodes AMI, B8ZS, and HDB3 coded signals
■ Designed for short loop applications such as terminal equipment to DSX-1
■ Reports alarm and error events
■ Compatible with the DS2180A T1/ISDN Primary Rate and DS2181A CEPT Transceivers, as well as DS2141A T1 and DS2143 E1 Controllers
■ Companion to the DS2186 T1/CEPT Transmit Line Interface and DS2188 T1/CEPT Jitter Attenuator
■ Single 5V supply; low-power CMOS technology




Similar Part No. - DS2187

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results


Similar Description - DS2187

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064 Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
Transmit Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com