Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2186 Datasheet (PDF) - Dallas Semiconductor

DS2186 Datasheet PDF - Dallas Semiconductor
Part # DS2186
Download  DS2186 Download
File Size   129.38 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Transmit Line Interface

DS2186 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2186 Datasheet PDF - Dallas Semiconductor

Part # DS2186
Download  DS2186 Click to download

File Size   129.38 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Transmit Line Interface

DS2186 Datasheet (HTML) - Dallas Semiconductor


DS2186 Product details

DESCRIPTION
The DS2186 T1/CEPT Transmit Line Interface Chip interfaces user equipment to North American (T1–1.544 MHz) and European (CEPT–2.048 MHz) primary rate communications networks. The device is compatible with all types of twisted pair and coax cable found in such networks.

FEATURES
• Line interface for T1 (1.544 MHz) and CEPT (2.048 MHz) primary rate networks
• On–chip transmit LBO (line build out) and line drivers eliminate external components
• Programmable output pulse shape supports short–and long–loop applications
• Supports bipolar and unipolar input data formats
• Transparent B8ZS and HDB3 zero code suppression modes
• Compatible with DS2180A T1 and DS2181A CEPT Transceivers DS2141A T1 and DS2143 E1 Controllers
• Companion to the DS2187 Receive Line Interface and DS2188 T1/CEPT Jitter Attenuator
• Single 5V supply; low–power CMOS technology




Similar Part No. - DS2186

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS218 SYNOLOGY-DS218 Datasheet
627Kb / 5P
DiskStation DS218
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
T1 Transceiver
logo
Maxim Integrated Produc...
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
T1 Transceiver
112099
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
CEPT Primary Rate Transceiver
DS2182 DALLAS-DS2182 Datasheet
270Kb / 25P
T1 Line Monitor
More results


Similar Description - DS2186

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XF0709-AD70S XFMRS-XF0709-AD70S Datasheet
83Kb / 1P
LINE INTERFACE XFMR
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com