Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASZKDV Datasheet (PDF) - Abracon Corporation

ASZKDV Datasheet PDF - Abracon Corporation
Part # ASZKDV
Download  ASZKDV Download
File Size   663.26 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768 kHz Low Power SMD Crystal Oscillator

ASZKDV Datasheet (PDF)

Go To PDF Page Download Datasheet
ASZKDV Datasheet PDF - Abracon Corporation

Part # ASZKDV
Download  ASZKDV Click to download

File Size   663.26 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768 kHz Low Power SMD Crystal Oscillator

ASZKDV Datasheet (HTML) - Abracon Corporation


ASZKDV Product details

Features
▪ Oscillator with internal at 32.768 kHz tuning fork resonator
▪ Ultra-miniature package 2.0x1.2x0.7mm [max.]
▪ CMOS output
▪ Continuous supply voltage operation from 1.6V to 5.5V
▪ Optimized for low current consumption
▪ Operating temperature range: -40 to +85 °C, -40 to +125 °C
▪ Output enable/disable function




Similar Part No. - ASZKDV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASZ1015 ETC1-ASZ1015 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ1016 ETC1-ASZ1016 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ1017 ETC1-ASZ1017 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ1018 ETC1-ASZ1018 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ15 ETC1-ASZ15 Datasheet
4Mb / 18P
Germanium PNP Transistor
More results


Similar Description - ASZKDV

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
EM7604 EMMICRO-EM7604 Datasheet
245Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25-32.768KHZ-6-T ABRACON-ABS25-32.768KHZ-6-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25 ABRACON-ABS25_15 Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com