Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASZKDV Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASZKDV
Description  32.768 kHz Low Power SMD Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASZKDV Datasheet(HTML) 2 Page - Abracon Corporation

  ASZKDV Datasheet HTML 1Page - Abracon Corporation ASZKDV Datasheet HTML 2Page - Abracon Corporation ASZKDV Datasheet HTML 3Page - Abracon Corporation ASZKDV Datasheet HTML 4Page - Abracon Corporation ASZKDV Datasheet HTML 5Page - Abracon Corporation ASZKDV Datasheet HTML 6Page - Abracon Corporation ASZKDV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASZKDV Series
32.768 kHz Low Power SMD Crystal Oscillator
Revision: B
Rev B Release: 3/5/2025
Page 2
Disclaimer
lign
Check Inventory
Request Samples
lign
Request Samples
Parameters
Symbol
Conditions
Rating
Unit
Supply voltage range [Note 4]
Vdd
Between Vdd and VSS
-0.5 to +6.0
V
Input voltage range [Note 4]
VIN
Between INH and VSS
-0.5 to +6.0 [Note 5]
V
Output voltage range [Note 4]
VOUT
Output pad
-0.5 to +6.0 [Note 5]
V
Electrostatic discharge voltage
VESD
HBM
±1000
V
Solder reflow profile
Per JEDEC J-STD-020C
+260 max
°C
Absolute Maximum Ratings
Note 4:
Absolute maximum ratings are the values that must not be exceeded. This product may suffer damage if any one of these parameter
ratings is exceeded. Operation and characteristics are guaranteed only when the product is operated per the specification datasheet.
Note 5:
Vdd is a Vdd value of recommended operating conditions
Typical Supply Current (Idd) vs Supply Voltage (Vdd), Output Disabled, TOPR = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com