Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet (PDF) - Texas Instruments

REF2912 Datasheet PDF - Texas Instruments
Part # REF2912
Download  REF2912 Download
File Size   1387.31 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference

REF2912 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF2912 Datasheet PDF - Texas Instruments

Part # REF2912
Download  REF2912 Click to download

File Size   1387.31 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference

REF2912 Datasheet (HTML) - Texas Instruments


REF2912 Product details

1 Features
1• MicroSIZE Package: SOT-23
• Low Dropout: 1 mV
• High Output Current: 25 mA
• Low Temperature Drift: Maximum of 100 ppm/°C
• High Accuracy: 2%
• Low IQ: Maximum of 50 μA

2 Applications
• Portable, Battery-Powered Equipment
• Data Acquisition Systems
• Medical Equipment
• Hand-Held Test Equipment

3 Description
The REF29xx is a precision, low-power, low-voltage
dropout voltage reference family available in a tiny
3‑pin SOT-23 package.
The small size and low power consumption (50 μA
maximum) of the REF29xx make it ideal for portable
and battery-powered applications. The REF29xx does
not require a load capacitor, but it is stable with any
capacitive load.
Unloaded, the REF29xx can be operated with
supplies within 1 mV of output voltage. All models are
specified for the wide temperature range, –40°C to
125°C.




Similar Part No. - REF2912

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF2912 BURR-BROWN-REF2912 Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912 Datasheet
581Kb / 15P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912AIDBZR BURR-BROWN-REF2912AIDBZR Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF2912AIDBZR BURR-BROWN-REF2912AIDBZR Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
More results


Similar Description - REF2912

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3112-Q1 TI1-REF3112-Q1 Datasheet
573Kb / 23P
15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com