Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF2912
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2912 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF2912 Datasheet HTML 6Page - Texas Instruments REF2912 Datasheet HTML 7Page - Texas Instruments REF2912 Datasheet HTML 8Page - Texas Instruments REF2912 Datasheet HTML 9Page - Texas Instruments REF2912 Datasheet HTML 10Page - Texas Instruments REF2912 Datasheet HTML 11Page - Texas Instruments REF2912 Datasheet HTML 12Page - Texas Instruments REF2912 Datasheet HTML 13Page - Texas Instruments REF2912 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Time (hours)
80
70
60
50
40
30
20
10
0
80
70
60
50
40
30
20
10
0
0
100
200
300
400
500
600
700
800
900 1000
Time (hours)
1200 1300
1600
1800 1900 2000
Time (hours)
80
70
60
50
40
30
20
10
0
1000 1100
1400 1500
1700
1.0s/div
100µs/div
V
OUT
I
L = 1mA
I
L = 25mA
10
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
SBVS033C – JUNE 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. 1 to 25-mA Load Transient (CL = 1 µF)
Figure 20. 0.1 to 10-Hz Noise
Figure 21. Long-Term Stability 0 to 1000 Hours
Figure 22. Long-Term Stability 1000 to 2000 Hours
Figure 23. Long-Term Stability 0 to 2000 Hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com