Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF2912
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2912 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF2912 Datasheet HTML 14Page - Texas Instruments REF2912 Datasheet HTML 15Page - Texas Instruments REF2912 Datasheet HTML 16Page - Texas Instruments REF2912 Datasheet HTML 17Page - Texas Instruments REF2912 Datasheet HTML 18Page - Texas Instruments REF2912 Datasheet HTML 19Page - Texas Instruments REF2912 Datasheet HTML 20Page - Texas Instruments REF2912 Datasheet HTML 21Page - Texas Instruments REF2912 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
OUT
GND
IN
C
C
REF29xx
To ADC
To Input Power Supply
Via to Ground Plane
18
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
SBVS033C – JUNE 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The REF29xx family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 50 mV above the output voltage. For loaded reference conditions, see Dropout Voltage vs
Load Current. Use a supply bypass capacitor greater than 0.47 µF.
11 Layout
11.1 Layout Guidelines
Figure 34 illustrates an example of a printed-circuit board (PCB) layout using the REF29xx. Some key
considerations are:
•
Connect low-ESR, 0.1-µF ceramic bypass capacitors at VIN of the REF29xx
•
Decouple other active devices in the system per the device specifications
•
Use a solid ground plane to help distribute heat and reduces electromagnetic interference (EMI) noise pickup
•
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring
•
Minimize trace length between the reference and bias connections to the INA and ADC to reduce noise
pickup
•
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary
11.2 Layout Example
Figure 34. REF29xx Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com