Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF2912
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2912 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF2912 Datasheet HTML 10Page - Texas Instruments REF2912 Datasheet HTML 11Page - Texas Instruments REF2912 Datasheet HTML 12Page - Texas Instruments REF2912 Datasheet HTML 13Page - Texas Instruments REF2912 Datasheet HTML 14Page - Texas Instruments REF2912 Datasheet HTML 15Page - Texas Instruments REF2912 Datasheet HTML 16Page - Texas Instruments REF2912 Datasheet HTML 17Page - Texas Instruments REF2912 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5 Ω
1 µ
µF
F to 10
1µF to
10 µF
3.3 V
0.1 µF
V
IN
V+
V
S
Microcontroller
REF2933
GND
Copyright © 2016, Texas Instruments Incorporated
14
REF2912, REF2920, REF2925
REF2930, REF2933, REF2940
SBVS033C – JUNE 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: REF2912 REF2920 REF2925 REF2930 REF2933 REF2940
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 28. Basic Data Acquisition System 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com