Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHIBLI Datasheet (PDF) - STMicroelectronics

GHIBLI Datasheet PDF - STMicroelectronics
Part # GHIBLI
Download  GHIBLI Download
File Size   84.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC/DC UNIVERSAL FAST CHARGER

GHIBLI Datasheet (PDF)

Go To PDF Page Download Datasheet
GHIBLI Datasheet PDF - STMicroelectronics

Part # GHIBLI
Download  GHIBLI Click to download

File Size   84.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC/DC UNIVERSAL FAST CHARGER

GHIBLI Datasheet (HTML) - STMicroelectronics


GHIBLI Product details

DESCRIPTION
The Fast Charger GHIBLI has been designed for charging all types of batteries, including NiMH, NiCd and Li-Ion batteries in hand held mobile phones. GHIBLI is a high performance high efficiency AC/DC switching mode constant voltage & current generator. The output voltage and current levels are set up by design in accordance with customer requirements.

FEATURES
■ LINE VOLTAGE 90 - 264 VAC
■ SINGLE OUTPUT MAX 8W
■ DESIGNED FOR ON LINE CHARGING OF MOBILE PHONES
■ EMC COMPLIANCE ACCORDING TO EU AND US DIRECTIVES
■ SAFETY APPROVAL ACCORDING TO EN60950
■ CE AND UL MARKED. AUSTRALIA, UK, SOUTH AFRICA AND CHINA MARKING UPON REQUEST
■ OUTPUT CURRENT AND VOLTAGE LEVELS ACCORDING TO CUSTOMER REQUIREMENTS
■ OUTPUT VOLTAGE PRECISION: +/- 5%
■ OUTPUT CURRENT PRECISION : +/- 8%
■ OUTPUT RIPPLE VOLTAGE <100 mVpp
■ INPUT FUSE PROTECTION
■ OUTPUT SHORT CIRCUIT PROTECTION
■ RG11 OUTPUT CONNECTOR ONLY WITH EURO PLUG.
■ 2-WIRES DC CORD WITH STRAIN RELIEF TERMINATED WITH ANY CUSTOM CONNECTOR AVAILABLE UPON REQUEST. A VARIETY OF PLUGS CAN BE ASSEMBLED ON THIS VERSION.
■ LOW STAND BY POWER




Similar Part No. - GHIBLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHI-ALFATOEM-337 ETC2-GHI-ALFATOEM-337 Datasheet
57Kb / 1P
ALFAT OEM Board
GHI-ALFATSD-338 ETC2-GHI-ALFATSD-338 Datasheet
95Kb / 1P
ALFAT SD Board
GHI-FCERB40-353 ETC2-GHI-FCERB40-353 Datasheet
69Kb / 1P
FEZ Cerb40
More results


Similar Description - GHIBLI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
JOSEPH STMICROELECTRONICS-JOSEPH Datasheet
80Kb / 4P
AC/DC Single/Multirange CHARGER
Jan-2000
MISTRAL STMICROELECTRONICS-MISTRAL Datasheet
79Kb / 4P
AC/DC Multirange FAST CHARGER
Rev. 01
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
Texas Instruments
LM3647 TI1-LM3647 Datasheet
568Kb / 19P
Universal Battery Charger
logo
Total Power Internation...
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
logo
SHENZHEN FUMAN ELECTRON...
TC3586 FUMAN-TC3586 Datasheet
252Kb / 5P
Universal charger
TC3588 FUMAN-TC3588 Datasheet
216Kb / 6P
Universal charger
TC3588C FUMAN-TC3588C Datasheet
139Kb / 6P
Universal charger
logo
ETA-USA
AOJS50 ETA-USA-AOJS50 Datasheet
5Mb / 6P
50W AC/DC Universal Input
2019
logo
Broadband TelCom Power,...
L3R-100-480 BTCPOWER-L3R-100-480 Datasheet
252Kb / 1P
100 kW DC Fast Charger
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com