Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHIBLI Datasheet(PDF) 1 Page - STMicroelectronics

Part # GHIBLI
Description  AC/DC UNIVERSAL FAST CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GHIBLI Datasheet(HTML) 1 Page - STMicroelectronics

  GHIBLI Datasheet HTML 1Page - STMicroelectronics GHIBLI Datasheet HTML 2Page - STMicroelectronics GHIBLI Datasheet HTML 3Page - STMicroelectronics GHIBLI Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
LINE VOLTAGE 90 - 264 VAC
SINGLE OUTPUT MAX 8W
DESIGNED FOR ON LINE CHARGING OF
MOBILE PHONES
EMC COMPLIANCE ACCORDING TO EU
AND US DIRECTIVES
SAFETY
APPROVAL
ACCORDING
TO
EN60950
CE AND UL MARKED. AUSTRALIA, UK,
SOUTH AFRICA
AND CHINA MARKING
UPON REQUEST
OUTPUT CURRENT AND VOLTAGE LEVELS
ACCORDING TO CUSTOMER REQUIRE-
MENTS
OUTPUT VOLTAGE PRECISION: +/- 5%
OUTPUT CURRENT PRECISION : +/- 8%
OUTPUT RIPPLE VOLTAGE <100 mVpp
INPUT FUSE PROTECTION
OUTPUT SHORT CIRCUIT PROTECTION
RG11 OUTPUT CONNECTOR ONLY WITH
EURO PLUG.
2-WIRES DC CORD WITH STRAIN RELIEF
TERMINATED WITH ANY CUSTOM CON-
NECTOR AVAILABLE UPON REQUEST. A
VARIETY OF PLUGS CAN BE ASSEMBLED
ON THIS VERSION.
LOW STAND BY POWER
DESCRIPTION
The Fast Charger GHIBLI has been designed for
charging all types of batteries, including NiMH,
NiCd and Li-Ion batteries in hand held mobile
phones. GHIBLI is a high performance high effi-
ciency AC/DC switching mode constant voltage &
current generator. The output voltage and current
levels are set up by design in accordance with
customer requirements.
Typical reference values in this data sheet are
10V, 800 mA with the input Vac ranging from 90
to 264 Vrms.
January 2000
®
PRODUCT VIEW
(Ghibli Housing with RG11)
ORDERING NUMBER: GSAC-xxCCCy
GHIBLI
AC/DC UNIVERSAL FAST CHARGER
Rev. 01
Plug Type:
Part Number:
EURO
GSAC-xxCCC1
xx = Output Current level (2 Digits)
CCC= Customer Identifier (3 Digits)
y = plug type
1/4


Similar Part No. - GHIBLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHI-ALFATOEM-337 ETC2-GHI-ALFATOEM-337 Datasheet
57Kb / 1P
ALFAT OEM Board
GHI-ALFATSD-338 ETC2-GHI-ALFATSD-338 Datasheet
95Kb / 1P
ALFAT SD Board
GHI-FCERB40-353 ETC2-GHI-FCERB40-353 Datasheet
69Kb / 1P
FEZ Cerb40
More results

Similar Description - GHIBLI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
JOSEPH STMICROELECTRONICS-JOSEPH Datasheet
80Kb / 4P
AC/DC Single/Multirange CHARGER
Jan-2000
MISTRAL STMICROELECTRONICS-MISTRAL Datasheet
79Kb / 4P
AC/DC Multirange FAST CHARGER
Rev. 01
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
Texas Instruments
LM3647 TI1-LM3647 Datasheet
568Kb / 19P
Universal Battery Charger
logo
Total Power Internation...
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
logo
SHENZHEN FUMAN ELECTRON...
TC3586 FUMAN-TC3586 Datasheet
252Kb / 5P
Universal charger
TC3588 FUMAN-TC3588 Datasheet
216Kb / 6P
Universal charger
TC3588C FUMAN-TC3588C Datasheet
139Kb / 6P
Universal charger
logo
ETA-USA
AOJS50 ETA-USA-AOJS50 Datasheet
5Mb / 6P
50W AC/DC Universal Input
2019
logo
Broadband TelCom Power,...
L3R-100-480 BTCPOWER-L3R-100-480 Datasheet
252Kb / 1P
100 kW DC Fast Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com