Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC03J Datasheet (PDF) - Texas Instruments

SN54HC03J Datasheet PDF - Texas Instruments
Part # SN54HC03J
Download  SN54HC03J Download
File Size   1866.75 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC03 Quadruple 2-Input NAND Gates with Open-Drain Outputs

SN54HC03J Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC03J Datasheet PDF - Texas Instruments

Part # SN54HC03J
Download  SN54HC03J Click to download

File Size   1866.75 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC03 Quadruple 2-Input NAND Gates with Open-Drain Outputs

SN54HC03J Datasheet (HTML) - Texas Instruments


SN54HC03J Product details

1 Features
• Wide Operating Voltage Range: 2 V to 6 V
• Outputs Can Drive Up To 10 LSTTL Loads
• Low Power Consumption, 20-μA Maximum ICC
• Typical tpd = 8 ns at 5 V
• ±4-mA Output Drive at 5 V
• Low Input Current of 1 μA

2 Applications
• NAND OD

3 Description
This device contains four independent 2-input NAND
Gates with open-drain outputs. Each gate performs
the Boolean function Y = A ● B in positive logic.




Similar Part No. - SN54HC03J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC03J TI-SN54HC03J Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03J TI-SN54HC03J Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03J TI-SN54HC03J Datasheet
570Kb / 15P
QUADRUPLE2-INPUT POSITIVE-AND GATES WITH OPEN-DRAIN OUTPUTS
More results


Similar Description - SN54HC03J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5401 TI-SN5401 Datasheet
208Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC266 TI-SN54HC266 Datasheet
77Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74HC01 HITACHI-HD74HC01 Datasheet
44Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
logo
Texas Instruments
SN54ALS01 TI-SN54ALS01 Datasheet
42Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LS03 RENESAS-HD74LS03 Datasheet
52Kb / 4P
Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
logo
Texas Instruments
SN5403 TI1-SN5403_13 Datasheet
668Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS01 TI1-SN54ALS01_08 Datasheet
59Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com