Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65DP159 Datasheet (PDF) - Texas Instruments

SN65DP159 Datasheet PDF - Texas Instruments
Part # SN65DP159
Download  SN65DP159 Download
File Size   3188.28 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer

SN65DP159 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65DP159 Datasheet PDF - Texas Instruments

Part # SN65DP159
Download  SN65DP159 Click to download

File Size   3188.28 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer

SN65DP159 Datasheet (HTML) - Texas Instruments


SN65DP159 Product details

1 Features
1• AC-coupled TMDS or DisplayPort Dual-Mode
Physical Layer Input to HDMI2.0b TMDS Physical
Layer Output Supporting up to 6 Gbps Data Rate,
Compatible with HDMI2.0b Electrical Parameters
• Supporting DisplayPort Dual-Mode Standard
Version 1.1
• Adaptive Receiver Equalizer and Programmable
Fixed Equalizer up to 16.5 dB
• High Speed Lane Control, Pre-emphasis and
Transmit Swing, and Slew Rate Control
• I2C or Pin Strap Programmable
• Supports Type-2 I2C-over-AUX to DDC Bridge
• Integrated TMDS Level Translator and CDR
• Active I2C[4] Buffer
• Input Swap on Main Lanes
• Low Power Consumption
• Low Power Consumption
– –435 mW Active at 6-Gbps and –10 mW at
Shutdown State
• Both Extended Commercial and Industrial
Temperature Device Options
• 40-pin, 0.4 mm Pitch, 5 mm x 5 mm, WQFN
Package, Pin Compatible to the TPD158 Redriver
• 40-pin, 0.5 mm Pitch, 7 mm x 7 mm, VQFN
Package

2 Applications
• Notebook, Desktop, All-in-Ones, Tablet, Gaming
and Industrial PC
• Audio/Video Equipment
• Blu-ray™ DVD
• Gaming Systems
• HDMI Adaptor or Dongle
• Docking Station

3 Description
The SNx5DP159 device is a dual mode[1]
DisplayPort to transition-minimized differential signal
(TMDS) retimer supporting digital video interface
(DVI) 1.0 and high-definition multimedia interface
(HDMI) 1.4b and 2.0b output signals. The
SNx5DP159 device supports the dual mode standard
version 1.1 type 1 and type 2 through the DDC link or
AUX channel. The SNx5DP159 device supports data
rate up to 6-Gbps per data lane to support Ultra HD
(4K × 2K / 60-Hz) 8-bits per color high-resolution
video and HDTV with 16-bit color depth at 1080p
(1920 × 1080 / 60-Hz). The SNx5DP159 device can
automatically configure itself as a re-driver at data
rates <1 Gbps, or as a retimer at more than this data
rate. This feature can be turned off through I2C[4]
programming.
For signal integrity, the SNx5DP159 device
implements several features. The SNx5DP159
receiver supports both adaptive and fixed
equalization to clean up inter-symbol interference
(ISI) jitter or loss from the bandwidth-limited board
traces or cables. When working as a retimer, the
embedded clock data recovery (CDR) cleans up the
input high frequency and random jitter from video
source. The transmitter provides several features for
passing compliance and reducing system-level
design issues like de-emphasis, which compensates
for the attenuation when driving long cables or highloss
board traces. The SNx5DP159 device also
includes TMDS output amplitude adjust using an
external resistor on the Vsadj pin, source termination
selection, and output slew rate control. Device
operation and configuration can be programmed by
pin strapping or I2C[4].
The SNx5DP159 device implements several methods
for power management and active power reduction.




Similar Part No. - SN65DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159 Datasheet
1Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159 Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159RGZR TI1-SN65DP159RGZR Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159RGZT TI1-SN65DP159RGZT Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159RSBR TI1-SN65DP159RSBR Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
More results


Similar Description - SN65DP159

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
TMDS181x 6 Gbps TMDS Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
6 Gbps TMDS Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
6-Gbps, AC-Coupled to TMDS or HDMI Redriver
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
TMDS1204 TI-TMDS1204 Datasheet
2Mb / 75P
TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com