Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LVCP418PAPR Datasheet (PDF) - Texas Instruments

SN65LVCP418PAPR Datasheet PDF - Texas Instruments
Part # SN65LVCP418PAPR
Download  SN65LVCP418PAPR Download
File Size   1771.61 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel Gigabit Signal Conditioning Buffer

SN65LVCP418PAPR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVCP418PAPR Datasheet PDF - Texas Instruments

Part # SN65LVCP418PAPR
Download  SN65LVCP418PAPR Click to download

File Size   1771.61 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel Gigabit Signal Conditioning Buffer

SN65LVCP418PAPR Datasheet (HTML) - Texas Instruments


SN65LVCP418PAPR Product details

1FEATURES
23• 8 Input and 8 Output Signal Conditioning
Buffer
• Up to 4.25 Gbps Operation
• 30 ps of Deterministic Jitter
• Selectable Transmit Pre-Emphasis Per Lane
• Selectable Receive Equalization
• Available Packaging 64 Pin QFP
• Propagation Delay Times: 400 ps Typical
• Inputs Electrically Compatible With CML
Signal Levels
• Operates From a Single 3.3-V Supply
• Ability to 3-State Outputs
• Integrated Termination Resistors
• I2C™ Control Interface

APPLICATIONS
• Clock Buffering/Clock MUXing
• Wireless Base Stations
• High-Speed Network Routing
• Telecom/Datacom
• XAUI 802.3ae Protocol Backplane Repeaters

DESCRIPTION
The SN65LVCP418 is an 8 Channel signal
conditioning buffer in a flow-through pin-out allowing
for ease in PCB layout. VML signaling is used to
achieve a high-speed data throughput while using low
power. Internal signal paths are fully differential to
achieve the high signaling speeds while maintaining
low signal skews. The SN65LVCP418 incorporates
100-Ω termination resistors for those applications
where board space is a premium. Built-in transmit
pre-emphasis and receive equalization for superior
signal integrity performance.
The SN65LVCP418 is characterized for operation
from –40°C to 85°C.




Similar Part No. - SN65LVCP418PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP418PAPR TI-SN65LVCP418PAPR Datasheet
1Mb / 25P
8-Channel Gigabit Signal Conditioning Buffer
More results


Similar Description - SN65LVCP418PAPR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD670 AD-AD670 Datasheet
364Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV.A
5B32 AD-5B32 Datasheet
674Kb / 8P
Single-Channel Signal Conditioning Module
logo
Texas Instruments
SN65LVCP418 TI-SN65LVCP418 Datasheet
1Mb / 25P
8-Channel Gigabit Signal Conditioning Buffer
logo
Analog Devices
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
5B32 AD-5B32_15 Datasheet
675Kb / 8P
Single-Channel Signal Conditioning Module
REV. 0
AD670 AD-AD670_15 Datasheet
366Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
Signal conditioning module
logo
Analog Devices
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD670 AD-AD670_17 Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com