Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSPC6AS52 Datasheet (PDF) - Infinite Electronics International, Inc.

TSPC6AS52 Datasheet PDF - Infinite Electronics International, Inc.
Part # TSPC6AS52
Download  TSPC6AS52 Download
File Size   108.75 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CAT6A RJ45 PLUG SHIELDED FOR 0.048-0.052" CONDUCTOR OD

TSPC6AS52 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSPC6AS52 Datasheet PDF - Infinite Electronics International, Inc.

Part # TSPC6AS52
Download  TSPC6AS52 Click to download

File Size   108.75 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CAT6A RJ45 PLUG SHIELDED FOR 0.048-0.052" CONDUCTOR OD

TSPC6AS52 Datasheet (HTML) - Infinite Electronics International, Inc.


TSPC6AS52 Product details

1. MATERIAL
CONTACTS: PHOSPHOR BRONZE; PLATING: 50µ" Min. SELECT
GOLD OVER 100µm Min NICKEL UNDER PLATED
HOUSING: POLYCARBONATE UL94 V-0
SHIELD: CDA-260 1/4 HARD BRASS, 100% TIN 100-150µ" TIN PLATED
2. ELECTRICAL PERFORMANCE
CURRENT/VOLTAGE: 30 VAC/42 VDC AT 1.5 AMPS.
CONTACT RESISTANCE: 10mOHM Max.
OPERATION TEMPERATURE: -40°C TO +85°C
3. MECHANICAL PERFORMANCE
INSERTION/EXTRACTION LIFE: 1000 CYCLES.
4. CONTACTS TERMINATE SOLID OR STRANDED CONDUCTORS BETWEEN
.048" [1.22] TO .052" [1.32] OUTSIDE DIAMETER OF INSULATION.
5. PLUG TOLERANCES AND DIMENSIONS COMPLY WITH TIA-1096 STANDARDS.
6. PRODUCT DESIGNED FOR CATEGORY 6 & 6A HIGH SPEED APPLICATIONS.




Similar Part No. - TSPC6AS52

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSPC603R ATMEL-TSPC603R Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RCAB/Q8L ATMEL-TSPC603RCAB/Q8L Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RCAB/Q8LC ATMEL-TSPC603RCAB/Q8LC Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RMAB/Q8L ATMEL-TSPC603RMAB/Q8L Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RMAB/Q8LC ATMEL-TSPC603RMAB/Q8LC Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
More results


Similar Description - TSPC6AS52

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
943-SP-370808SM2-A233 BEL-943-SP-370808SM2-A233 Datasheet
111Kb / 1P
8 Position / 8 conductor SHIELDED PLUG
SS-39100-033 BEL-SS-39100-033 Datasheet
320Kb / 1P
8 POSITION / 8 CONDUCTOR SHIELDED CAT6/ 6A PLUG
SS-39200-011 BEL-SS-39200-011 Datasheet
320Kb / 1P
8 Conductor, 8 Position shielded cat6/6A plug
SS-39200-023 BEL-SS-39200-023 Datasheet
237Kb / 1P
8 Conductor, 8 Position shielded cat6/6A plug
logo
Tripp Lite. All Rights ...
N484-12RJ TRIPPLITE-N484-12RJ Datasheet
167Kb / 2P
Cat6a Pass-Through Cassette - (x12) RJ45
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
logo
List of Unclassifed Man...
TP-106 ETC2-TP-106 Datasheet
65Kb / 1P
PLUG-TELEPHONE-BIAXIAL SHIELDED (6) CONDUCTOR
logo
HARTING Technology Grou...
09-45-400-1520 HARTING-09-45-400-1520 Datasheet
468Kb / 2P
Han-Modular RJ45 GL Cat6A plug 8p
logo
Infinite Electronics In...
TSP8048C5S-10PK L-COM-TSP8048C5S-10PK Datasheet
79Kb / 1P
CAT 6 SHIELDED MODULAR PLUG, RJ45 (8P8C), FOR LARGE OD CONDUCTORS
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com