Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSPC6AS52 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TSPC6AS52
Description  CAT6A RJ45 PLUG SHIELDED FOR 0.048-0.052" CONDUCTOR OD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TSPC6AS52 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TSPC6AS52 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DGUTTADAURO
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
.286
7.3
.045
1.14
.040
1.0
.622
15.8
.234
5.94
.109
2.77
.890
22.61
.532
13.51
.312
7.92
.425
10.80
.240
6.1
.260
6.6
.340
8.64
.020
0.51
8X
.052 1.32
.390
9.91
.460
11.7
.850
21.59
.022
0.56
TYP.
.460
11.68
.040
1.02
HOUSING
LOAD BAR
NOTES
1. MATERIAL
CONTACTS: PHOSPHOR BRONZE; PLATING: 50µ" Min. SELECT
GOLD OVER 100µm Min NICKEL UNDER PLATED
HOUSING: POLYCARBONATE UL94 V-0
SHIELD: CDA-260 1/4 HARD BRASS, 100% TIN 100-150µ" TIN PLATED
2. ELECTRICAL PERFORMANCE
CURRENT/VOLTAGE: 30 VAC/42 VDC AT 1.5 AMPS.
CONTACT RESISTANCE: 10mOHM Max.
OPERATION TEMPERATURE: -40°C TO +85°C
3. MECHANICAL PERFORMANCE
INSERTION/EXTRACTION LIFE: 1000 CYCLES.
4. CONTACTS TERMINATE SOLID OR STRANDED CONDUCTORS BETWEEN
.048" [1.22] TO .052" [1.32] OUTSIDE DIAMETER OF INSULATION.
5. PLUG TOLERANCES AND DIMENSIONS COMPLY WITH TIA-1096 STANDARDS.
6. PRODUCT DESIGNED FOR CATEGORY 6 & 6A HIGH SPEED APPLICATIONS.
MODEL NUMBER
QUANTITY
TSPC6AS52
1 PACK
TSPC6AS52-25PK
25 PACK
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
TSPC6AS52
A
1
1
DFRISIELLO
4/28/22
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
4/28/22
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
CAT6A RJ45 PLUG SHIELDED FOR
0.048-0.052" CONDUCTOR OD
TELECOM/MODULAR
UNLESS OTHERWISE SPECIFIED,
HBAKKE
COLOR VARIATIONS
MAY OCCUR
4/28/22
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: TSPC6AS52.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
A
INITIAL RELEASE
4/28/22 DGUTTADAURO


Similar Part No. - TSPC6AS52

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSPC603R ATMEL-TSPC603R Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RCAB/Q8L ATMEL-TSPC603RCAB/Q8L Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RCAB/Q8LC ATMEL-TSPC603RCAB/Q8LC Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RMAB/Q8L ATMEL-TSPC603RMAB/Q8L Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
TSPC603RMAB/Q8LC ATMEL-TSPC603RMAB/Q8LC Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
More results

Similar Description - TSPC6AS52

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
943-SP-370808SM2-A233 BEL-943-SP-370808SM2-A233 Datasheet
111Kb / 1P
8 Position / 8 conductor SHIELDED PLUG
SS-39100-033 BEL-SS-39100-033 Datasheet
320Kb / 1P
8 POSITION / 8 CONDUCTOR SHIELDED CAT6/ 6A PLUG
SS-39200-011 BEL-SS-39200-011 Datasheet
320Kb / 1P
8 Conductor, 8 Position shielded cat6/6A plug
SS-39200-023 BEL-SS-39200-023 Datasheet
237Kb / 1P
8 Conductor, 8 Position shielded cat6/6A plug
logo
Tripp Lite. All Rights ...
N484-12RJ TRIPPLITE-N484-12RJ Datasheet
167Kb / 2P
Cat6a Pass-Through Cassette - (x12) RJ45
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
logo
List of Unclassifed Man...
TP-106 ETC2-TP-106 Datasheet
65Kb / 1P
PLUG-TELEPHONE-BIAXIAL SHIELDED (6) CONDUCTOR
logo
HARTING Technology Grou...
09-45-400-1520 HARTING-09-45-400-1520 Datasheet
468Kb / 2P
Han-Modular RJ45 GL Cat6A plug 8p
logo
Infinite Electronics In...
TSP8048C5S-10PK L-COM-TSP8048C5S-10PK Datasheet
79Kb / 1P
CAT 6 SHIELDED MODULAR PLUG, RJ45 (8P8C), FOR LARGE OD CONDUCTORS
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com