Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R1005 Datasheet (PDF) - STMicroelectronics

GS-R1005 Datasheet PDF - STMicroelectronics
Part # GS-R1005
Download  GS-R1005 Download
File Size   87.14 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50W STEP-DOWN SWITCHING REGULATOR

GS-R1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-R1005 Datasheet PDF - STMicroelectronics

Part # GS-R1005
Download  GS-R1005 Click to download

File Size   87.14 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50W STEP-DOWN SWITCHING REGULATOR

GS-R1005 Datasheet (HTML) - STMicroelectronics


GS-R1005 Product details

DESCRIPTION
The GS-R1005 is a step-down switching voltage regulator suitable to provide 5V/10Aoutput voltage from a wide input voltage range (12 to 36V).

FEATURES
■ Wide input voltage range (12 to 36V)
■ High efficiency (80% min.)
■ Parallel operation with current sharing
■ Synchronization
■ Remote inhibit/enable
■ Remote load voltage sense
■ Output short-circuit protection
■ Soft-start
■ PCB or chassis mountable




Similar Part No. - GS-R1005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R1012 STMICROELECTRONICS-GS-R1012 Datasheet
88Kb / 7P
120W STEP-DOWN SWITCHING REGULATOR
Jun-1994
More results


Similar Description - GS-R1005

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
Step-down Switching Regulator
April, 2008 - Rev. 0
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com