Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R1005 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-R1005
Description  50W STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R1005 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-R1005 Datasheet HTML 1Page - STMicroelectronics GS-R1005 Datasheet HTML 2Page - STMicroelectronics GS-R1005 Datasheet HTML 3Page - STMicroelectronics GS-R1005 Datasheet HTML 4Page - STMicroelectronics GS-R1005 Datasheet HTML 5Page - STMicroelectronics GS-R1005 Datasheet HTML 6Page - STMicroelectronics GS-R1005 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 5.05V
Io = 1.2 to 10A
12
24
36
V
li
Input Current
Vi = 24V
Io = 10A
2.5
A
lir
Reflected Input Current
Vi = 24V
Io = 10A
with external filter (C = 470
µF)
200
220
mApp
Vien
Enable Input Voltage
Vi = 12 to 36V Io = 1.2 to 10A
0
1.2
V
Viinh
Inhibit Input Voltage
Vi = 12 to 36V Io = 1.2 to 10A
224
V
liinh
Inhibit Input Current
Vi = 12 to 36V Io =1.2 to 10A
Viinh =5V
0.3
0.5
mA
Vo
Output Voltage
Vi = 12 to 36V Io = 1.2 to 10A
4.9
5.05
5.2
V
Vor
Output Ripple
Voltage
Vi = 24V
Io = 10A
100
120
mVpp
δVOL
Line Regulation
Vi = 12 to 36V Io = 10A
0.5
%
δVOO
Load Regulation
Vi = 24V
Io = 1.2 to 10A
1%
∆Vo
Total Remote Sense
Compensation
Vi = 24V
Io = 10A
0.5
V
Io
Output Current*
Vi = 12 to 36V
Vo = 5.05V
010
A
Iol
Output Current
Limiting
Vi = 12 to 36V
12.5
13.7
A
Iosc
Short-circuit Output
Current
Vi = 24V
16
A
δIo
Current Sharing
Deviation
Vi = 24V
Io = 2 to 10A two modules in
parallel
10
%
tss
Soft-start Time
Vi = 24V
Io = 10A
15
ms
tr1
Line Transient
Recovery Time
Vi = 12 to 36V
Io =5A
60
µs
tr2
Load Transient
Recovery Time
Vi = 24V
Io = 1.2 to 10A
100
µs
fs
Switching Frequency
Vi = 24V
Io = 1.2 to 10A
100
kHz
η
Efficiency
Vi = 12 to 36V
Io = 10A
80
83
%
Rthc
Thermal Resistance
Case-to-ambient
7.5
°C/W
* Note: when output current is less than 1.2A, output ripple voltage increases due to discontinuous operation.
2/7
GS-R1005



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com