Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R280BE Datasheet (PDF) - STMicroelectronics

GS-R280BE Datasheet PDF - STMicroelectronics
Part # GS-R280BE
Download  GS-R280BE Download
File Size   62.74 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BATTERY ELIMINATOR

GS-R280BE Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-R280BE Datasheet PDF - STMicroelectronics

Part # GS-R280BE
Download  GS-R280BE Click to download

File Size   62.74 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BATTERY ELIMINATOR

GS-R280BE Datasheet (HTML) - STMicroelectronics


GS-R280BE Product details

DESCRIPTION
The GS-R28.0BE is a switch mode constant voltage BATTERY ELIMINATOR that can deliver an output voltage of 7.5 V at 0,75 A of DC output current (Peak output current = 1.8 Ap).
Two versions of the INPUT PLUG ADAPTOR are available:

WASHER TIP VERSION: GS-R28.0BE-E (Ordering Number)
SPRING-LOADED TIP VERSION: GS-R28.0BE-A (Ordering Number)
    (See page 2 for mechanical data)




Similar Part No. - GS-R280BE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R218 STMICROELECTRONICS-GS-R218 Datasheet
48Kb / 3P
27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
Jun-1994
GS-R240001.5 STMICROELECTRONICS-GS-R240001.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240181.5 STMICROELECTRONICS-GS-R240181.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240251.5 STMICROELECTRONICS-GS-R240251.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240331.5 STMICROELECTRONICS-GS-R240331.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
More results


Similar Description - GS-R280BE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
logo
Phihong USA Inc.
PSS-18A-033 PHIHONG-PSS-18A-033 Datasheet
531Kb / 2P
18 Watt - Low Cost Linear Eliminator
logo
Harris Corporation
RF-5850-PS001 HARRIS-RF-5850-PS001 Datasheet
208Kb / 2P
POWER SUPPLY BATTERY ELIMINATOR
logo
Phihong USA Inc.
PSAA05A-050 PHIHONG-PSAA05A-050 Datasheet
261Kb / 3P
5W Low Cost Linear Eliminator
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_13 Datasheet
166Kb / 11P
Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
logo
Shanghai Leiditech Elec...
AC0001 LEIDITECH-AC0001 Datasheet
242Kb / 2P
Carbon brush type static eliminator
logo
Ultralife Corporation.
MRC-185 ULTRALIFE-MRC-185 Datasheet
377Kb / 2P
Rover III Power Supply Battery Eliminator
07 March 2016 Rev A
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
Ultimate Battery Eliminator
10 March 2016 Rev A
URG0002 ULTRALIFE-URG0002 Datasheet
1Mb / 3P
GenSet Eliminator??Skid
Rev: B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com