Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R280BE Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R280BE
Description  BATTERY ELIMINATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R280BE Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R280BE Datasheet HTML 1Page - STMicroelectronics GS-R280BE Datasheet HTML 2Page - STMicroelectronics GS-R280BE Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS-R28.0BE
BATTERY ELIMINATOR
June 1994
1/3
Type
Vi
Vo
Io
GS-R28.0BE
10,5 to 16 V
7,5 V
750 mA
DESCRIPTION
The GS-R28.0BE is a switch mode constant volt-
age BATTERY ELIMINATOR that can deliver an
output voltage of 7.5 V at 0,75 A of DC output
current (Peak output current = 1.8 Ap).
Two versions of the INPUT PLUG ADAPTOR are
available:
WASHER TIP VERSION:
GS-R28.0BE-E (Ordering Number)
SPRING-LOADED TIP VERSION:
GS-R28.0BE-A (Ordering Number)
(See page 2 for mechanical data)
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 7 to 8V
10.5
16
V
liq
Input Quiescent
Current
Vin = 13.2V Io = 0A
20
30
mA
Vo
Output Voltage
Vi = 10.5 to 16V Io = 0 to 1.8Ap
7.0
7.5
8.0
V
Io
Output Current
Continuous output current
Vi = 10.5 to 16V Vo = 7.5V
750
mA
Iop
Peak Output Current
Duration: 0.6 ms every 4.8 ms
Vi = 10.5 to 16V Vo = 7.5V
1.8
Ap
Vor
Output Ripple Voltage
Vi = 10.5 to 16V Vo = 7.5V
Io = 750 mA
100
mVpp
η
Efficiency
Vi = 13.2V Io = 750 mA
70
%
fs
Switching Frequency
Vin = 10.5 to 16V
Io = 0A to 1.8 Ap
100
kHz
Top
Operating Ambient
Temperature Range
– 20
+60
°C
Tstg
Storage Temperature
Range
– 25
+85
°C


Similar Part No. - GS-R280BE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R218 STMICROELECTRONICS-GS-R218 Datasheet
48Kb / 3P
27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
Jun-1994
GS-R240001.5 STMICROELECTRONICS-GS-R240001.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240181.5 STMICROELECTRONICS-GS-R240181.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240251.5 STMICROELECTRONICS-GS-R240251.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240331.5 STMICROELECTRONICS-GS-R240331.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
More results

Similar Description - GS-R280BE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
logo
Phihong USA Inc.
PSS-18A-033 PHIHONG-PSS-18A-033 Datasheet
531Kb / 2P
18 Watt - Low Cost Linear Eliminator
logo
Harris Corporation
RF-5850-PS001 HARRIS-RF-5850-PS001 Datasheet
208Kb / 2P
POWER SUPPLY BATTERY ELIMINATOR
logo
Phihong USA Inc.
PSAA05A-050 PHIHONG-PSAA05A-050 Datasheet
261Kb / 3P
5W Low Cost Linear Eliminator
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_13 Datasheet
166Kb / 11P
Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
logo
Shanghai Leiditech Elec...
AC0001 LEIDITECH-AC0001 Datasheet
242Kb / 2P
Carbon brush type static eliminator
logo
Ultralife Corporation.
MRC-185 ULTRALIFE-MRC-185 Datasheet
377Kb / 2P
Rover III Power Supply Battery Eliminator
07 March 2016 Rev A
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
Ultimate Battery Eliminator
10 March 2016 Rev A
URG0002 ULTRALIFE-URG0002 Datasheet
1Mb / 3P
GenSet Eliminator??Skid
Rev: B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com