Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74GTL2003 Datasheet (PDF) - Texas Instruments

SN74GTL2003 Datasheet PDF - Texas Instruments
Part # SN74GTL2003
Download  SN74GTL2003 Download
File Size   1665.69 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74GTL2003 8-Bit Bidirectional Low-Voltage Translator

SN74GTL2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74GTL2003 Datasheet PDF - Texas Instruments

Part # SN74GTL2003
Download  SN74GTL2003 Click to download

File Size   1665.69 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74GTL2003 8-Bit Bidirectional Low-Voltage Translator

SN74GTL2003 Datasheet (HTML) - Texas Instruments


SN74GTL2003 Product details

1 Features
• Provides bidirectional voltage translation with no
direction control required
• Allows voltage level translation
from 0.95 V up to 5 V
• Provides direct interface with GTL, GTL+, LVTTL/
TTL, and 5-V CMOS levels
• Supports 50 MHz up or down translation at ≦20 pF
capacitive load
• Low ON-state resistance between input and output
pins (Sn/Dn)
• Supports hot insertion
• No power supply required – will not latch up
• 5-V-tolerant inputs
• Low standby current
• Flow-through pinout for ease of printed circuit
board trace routing

2 Applications
• Bidirectional or unidirectional applications requiring
voltage-level translation from any voltage
(0.95 V to 5 V) to any voltage (0.95 V to 5 V)
• Low voltage processor I2C port translation to 3.3-V
or 5-V I2C bus signal levels
• GTL/GTL+ translation to LVTTL/TTL signal levels
• HPC server
• Dialysis machines
• Service router
• Servers

3 Description
The SN74GTL2003 device provides eight NMOS pass
transistors (Sn and Dn) with a common gate (GREF)
and a reference transistor (SREF and DREF). The low
ON-state resistance of the switch allows connections
to be made with minimal propagation delay. With
no direction control pin required, the device allows
bidirectional voltage translations any voltage (0.95 V
to 5 V) to any voltage (0.95 V to 5 V).
All transistors in the SN74GTL2003 have the
same electrical characteristics, and there is minimal
deviation from one output to another in voltage or
propagation delay. This offers superior matching over
discrete transistor voltage-translation solutions where
the fabrication of the transistors is not symmetrical.
With all transistors being identical, the reference
transistor (SREF/DREF) can be located on any of
the other eight matched Sn/Dn transistors, allowing
for easier board layout. The translator transistors
with integrated ESD circuitry provides excellent ESD
protection.




Similar Part No. - SN74GTL2003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
More results


Similar Description - SN74GTL2003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Texas Instruments
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
2-bit bidirectional low voltage translator
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com