Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003 Datasheet (PDF) - NXP Semiconductors

GTL2003 Datasheet PDF - NXP Semiconductors
Part # GTL2003
Download  GTL2003 Download
File Size   113.27 Kbytes
Page   19 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional low voltage translator

GTL2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTL2003 Datasheet PDF - NXP Semiconductors

Part # GTL2003
Download  GTL2003 Click to download

File Size   113.27 Kbytes
Page   19 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional low voltage translator

GTL2003 Datasheet (HTML) - NXP Semiconductors


GTL2003 Product details

General description
The Gunning Transceiver Logic - Transceiver Voltage Clamps (GTL-TVC) provide high-speed voltage translation with low ON-state resistance and minimal propagation delay. The GTL2003 provides 8 NMOS pass transistors (Sn and Dn) with a common gate (GREF) and a reference transistor (SREF and DREF). The device allows bidirectional voltage translations between 1.0 V and 5.0 V without use of a direction pin.

Features
■ 8-bit bidirectional low voltage translator
■ Allows voltage level translation between 1.0 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, and 5 V buses which allows direct interface with GTL, GTL+, LVTTL/TTL and 5 V CMOS levels
■ Provides bidirectional voltage translation with no direction pin
■ Low 6.5 Ω ON-state resistance (Ron) between input and output pins (Sn/Dn)
■ Supports hot insertion
■ No power supply required: will not latch up
■ 5 V tolerant inputs
■ Low standby current
■ Flow-through pinout for ease of printed-circuit board trace routing
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
■ Packages offered: TSSOP20, DHVQFN20

Applications
■ Any application that requires bidirectional or unidirectional voltage level translation from any voltage from 1.0 V to 5.0 V to any voltage from 1.0 V to 5.0 V
■ The open-drain construction with no direction pin is ideal for bidirectional low voltage (for example, 1.0 V, 1.2 V, 1.5 V, or 1.8 V) processor I2C-bus port translation to the normal 3.3 V and/or 5.0 V I2C-bus signal levels or GTL/GTL+ translation to LVTTL/TTL signal levels.




Similar Part No. - GTL2003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2003 NXP-GTL2003 Datasheet
263Kb / 2P
NXP bidirectional low-voltage translators
March 2007
GTL2003 NXP-GTL2003 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
GTL2003BQ NXP-GTL2003BQ Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2003BQ-T NXP-GTL2003BQ-T Datasheet
263Kb / 2P
NXP bidirectional low-voltage translators
March 2007
More results


Similar Description - GTL2003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
2-bit bidirectional low voltage translator
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com