Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL2003
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL2003 Datasheet HTML 3Page - NXP Semiconductors GTL2003 Datasheet HTML 4Page - NXP Semiconductors GTL2003 Datasheet HTML 5Page - NXP Semiconductors GTL2003 Datasheet HTML 6Page - NXP Semiconductors GTL2003 Datasheet HTML 7Page - NXP Semiconductors GTL2003 Datasheet HTML 8Page - NXP Semiconductors GTL2003 Datasheet HTML 9Page - NXP Semiconductors GTL2003 Datasheet HTML 10Page - NXP Semiconductors GTL2003 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
7 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
8.4 Sizing pull-up resistor
The pull-up resistor value needs to limit the current through the pass transistor when it is
in the ‘on’ state to about 15 mA. This will guarantee a pass voltage of 260 mV to 350 mV.
If the current through the pass transistor is higher than 15 mA, the pass voltage will also
be higher in the ‘on’ state. To set the current through each pass transistor at 15 mA, the
pull-up resistor value is calculated as follows:
Table 6 summarizes resistor values for various reference voltages and currents at 15 mA
and also at 10 mA and 3 mA. The resistor value shown in the +10 % column or a larger
value should be used to ensure that the pass voltage of the transistor would be 350 mV or
less. The external driver must be able to sink the total current from the resistors on both
sides of the GTL-TVC device at 0.175 V, although the 15 mA only applies to current
flowing through the GTL-TVC device. See application note
AN10145 Bidirectional low
voltage translators for more information.
[1]
+ 10 % to compensate for VDD range and resistor tolerance.
Table 6.
Pull-up resistor values
Calculated for VOL = 0.35 V. Assumes output driver VOL = 0.175 V at stated current.
Pull-up resistor value (
Ω)
Voltage
15 mA
10 mA
3mA
Nominal
+10%[1]
Nominal
+10%[1]
Nominal
+10%[1]
5.0 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312
resistor value
Ω
()
pull-up voltage V
()
0.35 V
–
0.015 A
-----------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com