Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # GTL2003
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button GTL2003 Datasheet HTML 6Page - NXP Semiconductors GTL2003 Datasheet HTML 7Page - NXP Semiconductors GTL2003 Datasheet HTML 8Page - NXP Semiconductors GTL2003 Datasheet HTML 9Page - NXP Semiconductors GTL2003 Datasheet HTML 10Page - NXP Semiconductors GTL2003 Datasheet HTML 11Page - NXP Semiconductors GTL2003 Datasheet HTML 12Page - NXP Semiconductors GTL2003 Datasheet HTML 13Page - NXP Semiconductors GTL2003 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
10 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
12. Dynamic characteristics
12.1 Dynamic characteristics for translator-type application
[1]
All typical values are measured at VDD1 = 3.3 V, VDD2 = 2.5 V, Vref = 1.5 V and Tamb =25 °C.
[2]
Propagation delay is measured using Figure 9 and is a difference measurement. It is not production tested
and is guaranteed by ON-state resistance.
[3]
Cio(on) maximum of 30 pF and Cio(off) maximum of 15 pF is guaranteed by design.
Table 10.
Dynamic characteristics
Tamb = −40 °C to +85 °C; Vref = 1.365 V to 1.635 V; VDD1 = 3.0 V to 3.6 V; VDD2 = 2.36 V to 2.64 V;
GND = 0 V; tr =tf ≤ 3.0 ns; unless otherwise specified. Refer to Figure 9.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
tPLH
LOW-to-HIGH
propagation delay
Sn to Dn; Dn to Sn
[2][3] 0.5
1.5
5.5
ns
tPHL
HIGH-to-LOW
propagation delay
Sn to Dn; Dn to Sn
[2][3] 0.5
1.5
5.5
ns
VM = 1.5 V; VI = GND to 3.0 V.
Fig 7.
The input (Sn) to output (Dn) propagation delays
VI
GND
VDD2
VM
VM
input
test jig output
HIGH-to-LOW
LOW-to-HIGH
VM
VM
VOL
VDD2
DUT output
HIGH-to-LOW
LOW-to-HIGH
VM
VM
VOL
002aad197
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com