Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # GTL2003
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button GTL2003 Datasheet HTML 7Page - NXP Semiconductors GTL2003 Datasheet HTML 8Page - NXP Semiconductors GTL2003 Datasheet HTML 9Page - NXP Semiconductors GTL2003 Datasheet HTML 10Page - NXP Semiconductors GTL2003 Datasheet HTML 11Page - NXP Semiconductors GTL2003 Datasheet HTML 12Page - NXP Semiconductors GTL2003 Datasheet HTML 13Page - NXP Semiconductors GTL2003 Datasheet HTML 14Page - NXP Semiconductors GTL2003 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
11 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
12.2 Dynamic characteristics for CBT-type application
[1]
This parameter is warranted by the ON-state resistance, but is not production tested. The propagation delay
is based on the RC time constant of the typical ON-state resistance of the switch and a load capacitance of
50 pF, when driven by an ideal voltage source (zero output impedance).
Table 11.
Dynamic characteristics
Tamb = −40 °C to +85 °C; VGREF =5V ± 0.5 V; GND = 0 V; CL = 50 pF; unless otherwise specified.
Refer to Figure 10.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPD
propagation delay
[1] -
-
250
ps
VM = 1.5 V; VI = GND to 3.0 V.
tPD is equal to the maximum of tPLH or tPHL.
Fig 8.
Input (Sn) to output (Dn) propagation delays
002aab664
3.0 V
0 V
VOH
VOL
tPLH
tPHL
1.5 V
1.5 V
input
output
1.5 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com