Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # GTL2003
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003 Datasheet(HTML) 4 Page - NXP Semiconductors

  GTL2003 Datasheet HTML 1Page - NXP Semiconductors GTL2003 Datasheet HTML 2Page - NXP Semiconductors GTL2003 Datasheet HTML 3Page - NXP Semiconductors GTL2003 Datasheet HTML 4Page - NXP Semiconductors GTL2003 Datasheet HTML 5Page - NXP Semiconductors GTL2003 Datasheet HTML 6Page - NXP Semiconductors GTL2003 Datasheet HTML 7Page - NXP Semiconductors GTL2003 Datasheet HTML 8Page - NXP Semiconductors GTL2003 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
4 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
7.
Functional description
Refer also to Figure 1 “Functional diagram”.
7.1 Function selection
[1]
GREF should be at least 1.5 V higher than SREF for best translator operation.
[2]
VT is equal to the SREF voltage.
[3]
Sn is not pulled up or pulled down.
[4]
Sn follows the Dn input LOW.
[1]
GREF should be at least 1.5 V higher than SREF for best translator operation.
[2]
VT is equal to the SREF voltage.
[3]
Dn is pulled up to VCC through an external resistor.
[4]
Dn follows the Sn input LOW.
Table 4.
Function selection, HIGH-to-LOW translation
Assumes Dn is at the higher voltage level.
H = HIGH voltage level; L = LOW voltage level; X = Don’t care
GREF[1]
DREF
SREF
Input Dn
Output Sn
Transistor
HH0 V
X
X
off
HHVT[2]
HVT[2][3]
on
HHVT[2]
LL[4]
on
LL0 V
− VT[2]
X
X
off
Table 5.
Function selection, LOW-to-HIGH translation
Assumes Dn is at the higher voltage level.
H = HIGH voltage level; L = LOW voltage level; X = Don’t care
GREF[1]
DREF
SREF
Input Sn
Output Dn
Transistor
HH0 V
X
X
off
HHVT[2]
VT[2]
H[3]
nearly off
HHVT[2]
LL[4]
on
LL0 V
− VT[2]
X
X
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com