Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # GTL2003
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button GTL2003 Datasheet HTML 2Page - NXP Semiconductors GTL2003 Datasheet HTML 3Page - NXP Semiconductors GTL2003 Datasheet HTML 4Page - NXP Semiconductors GTL2003 Datasheet HTML 5Page - NXP Semiconductors GTL2003 Datasheet HTML 6Page - NXP Semiconductors GTL2003 Datasheet HTML 7Page - NXP Semiconductors GTL2003 Datasheet HTML 8Page - NXP Semiconductors GTL2003 Datasheet HTML 9Page - NXP Semiconductors GTL2003 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
6 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
8.2 Unidirectional down translation
For unidirectional clamping, higher voltage to lower voltage, the GREF input must be
connected to DREF and both pins pulled to the higher side VCC through a pull-up resistor
(typically 200 k
Ω). A filter capacitor on DREF is recommended. Pull-up resistors are
required if the chip set I/O are open-drain. The opposite side of the reference transistor
(SREF) is connected to the processor core supply voltage. When DREF is connected
through a 200 k
Ω resistor to a 3.3 V to 5.5 V V
CC supply and SREF is set between 1.0 V
to (VCC − 1.5 V), the output of each Sn has a maximum output voltage equal to SREF.
8.3 Unidirectional up translation
For unidirectional up translation, lower voltage to higher voltage, the reference transistor is
connected the same as for a down translation. A pull-up resistor is required on the higher
voltage side (Dn or Sn) to get the full HIGH level, since the GTL-TVC device will only pass
the reference source (SREF) voltage as a HIGH when doing an up translation. The driver
on the lower voltage side only needs pull-up resistors if it is open-drain.
Typical unidirectional HIGH-to-LOW voltage translation.
Fig 5.
Unidirectional down translation to protect low voltage processor pins
GREF
DREF
002aac061
D1
D2
200 k
Ω
GTL2002
CHIPSET I/O
VCC
5 V
GND
SREF
S1
S2
CPU I/O
VCORE
1.8 V
1.5 V
1.2 V
1.0 V
totem pole I/O
easy migration to lower voltage
as processor geometry shrinks
Typical unidirectional LOW-to-HIGH voltage translation.
Fig 6.
Unidirectional down translation to protect low voltage processor pins
GREF
DREF
002aac062
D1
D2
200 k
Ω
GTL2002
CHIPSET I/O
VCC
5 V
GND
SREF
S1
S2
CPU I/O
VCORE
1.8 V
1.5 V
1.2 V
1.0 V
easy migration to lower voltage
as processor geometry shrinks
totem pole I/O
or open-drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com