Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G10DBVR.B Datasheet (PDF) - Texas Instruments

SN74LVC1G10DBVR.B Datasheet PDF - Texas Instruments
Part # SN74LVC1G10DBVR.B
Download  SN74LVC1G10DBVR.B Download
File Size   1756.17 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 3-Input Positive-NAND Gate

SN74LVC1G10DBVR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G10DBVR.B Datasheet PDF - Texas Instruments

Part # SN74LVC1G10DBVR.B
Download  SN74LVC1G10DBVR.B Click to download

File Size   1756.17 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 3-Input Positive-NAND Gate

SN74LVC1G10DBVR.B Datasheet (HTML) - Texas Instruments


SN74LVC1G10DBVR.B Product details

1FEATURES
2• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Provides Down Translation to VCC • Max t pd of 3.8 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged Device Model (C101).

DESCRIPTION
The SN74LVC1G10 performs the Boolean function Y
= A • B • C or Y = A + B + C in positive logic.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G10DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10DBVR TI-SN74LVC1G10DBVR Datasheet
252Kb / 11P
SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC1G10DBVR TI-SN74LVC1G10DBVR Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10DBVR TI1-SN74LVC1G10DBVR Datasheet
1Mb / 25P
Single 3-Input Positive-NAND Gate
logo
TECH PUBLIC Electronics...
SN74LVC1G10DBVR TECHPUBLIC-SN74LVC1G10DBVR Datasheet
2Mb / 5P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10DBVRE4 TI-SN74LVC1G10DBVRE4 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
More results


Similar Description - SN74LVC1G10DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
SINGLE 3 INPUT POSITIVE NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
SINGLE 3 INPUT POSITIVE NAND GATE
Rev 3
logo
Texas Instruments
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
Single 3-Input Positive-NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com