Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G11 Datasheet (PDF) - Texas Instruments

SN74LVC1G11 Datasheet PDF - Texas Instruments
Part # SN74LVC1G11
Download  SN74LVC1G11 Download
File Size   2152.26 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G11 Single 3-Input Positive-AND Gate

SN74LVC1G11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G11 Datasheet PDF - Texas Instruments

Part # SN74LVC1G11
Download  SN74LVC1G11 Click to download

File Size   2152.26 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G11 Single 3-Input Positive-AND Gate

SN74LVC1G11 Datasheet (HTML) - Texas Instruments


SN74LVC1G11 Product details

1 Features
• Latch-up performance exceeds 100mA
per JESD 78, class II
• ESD protection exceeds JESD 22
– ±2000V human-body model (A114-A)
– ±1000V charged-device model (C101)
• Available in the Texas Instruments
NanoFree™ package
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Maximum tpd of 4.1ns at 3.3V
• Low power consumption, 10μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports partial-power-down mode operation

2 Applications
• AV Receivers
• DLP Front Projection System
• Digital Picture Frames
• Digital Radio
• Digital Still Cameras
• Digital Video Cameras (DVC)
• Embedded PCs
• E-Books
• Ethernet Switches
• GPS: Personal Navigation Devices
• Handset: Smartphones
• High-Speed Data Acquisition and Generation
• Military: Radar and Sonar
• Mobile Internet Devices
• Notebook PC and Netbooks
• Network-Attached Storage (NAS)
• Power Line Communication Modems
• Server PSU
• STB, DVR, and Streaming Media
• Speakers: USB
• Tablets: Enterprise
• Video Broadcasting and Infrastructure: Scalable
Platform and IP-Based Multi-Format Transcoders
• Wireless Headsets, Keyboards, and Mice

3 Description
The SN74LVC1G11 performs the Boolean function
Y = A • B • C or Y = A + B +C in positive logic.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
614Kb / 14P
SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI1-SN74LVC1G11 Datasheet
838Kb / 12P
SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11 TI2-SN74LVC1G11 Datasheet
880Kb / 13P
SINGLE 3-INPUT POSITIVE-AND GATE
MARCH 2011
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
SINGLE 3-INPUT POSITIVE AND GATE
More results


Similar Description - SN74LVC1G11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
Rev 3
logo
Texas Instruments
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
SINGLE 3-INPUT POSITIVE AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com