Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G27 Datasheet (PDF) - Texas Instruments

SN74LVC1G27 Datasheet PDF - Texas Instruments
Part # SN74LVC1G27
Download  SN74LVC1G27 Download
File Size   1752.45 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 3-Input Positive-NOR Gate

SN74LVC1G27 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G27 Datasheet PDF - Texas Instruments

Part # SN74LVC1G27
Download  SN74LVC1G27 Click to download

File Size   1752.45 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 3-Input Positive-NOR Gate

SN74LVC1G27 Datasheet (HTML) - Texas Instruments


SN74LVC1G27 Product details

1FEATURES
2• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 4.5 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• I off Supports Live Insertion, Partial-Power-
Down Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
The SN74LVC1G27 device performs the Boolean
function Y = A + B + C or Y = A • B • C in positive
logic.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G27 TI-SN74LVC1G27 Datasheet
237Kb / 12P
SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27DBVR TI-SN74LVC1G27DBVR Datasheet
237Kb / 12P
SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27DBVR TI1-SN74LVC1G27DBVR Datasheet
1Mb / 24P
Single 3-Input Positive-NOR Gate
logo
TECH PUBLIC Electronics...
SN74LVC1G27DBVR TECHPUBLIC-SN74LVC1G27DBVR Datasheet
3Mb / 7P
SINGLE 3-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74LVC1G27DBVRE4 TI1-SN74LVC1G27DBVRE4 Datasheet
1Mb / 24P
Single 3-Input Positive-NOR Gate
More results


Similar Description - SN74LVC1G27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
TRIPLE 3 INPUT POSITIVE NOR GATE
SN74LVC1G27 TI-SN74LVC1G27 Datasheet
237Kb / 12P
SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
TRIPLE 3-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
SINGLE 2 INPUT POSITIVE NOR GATE
Rev 1
logo
Texas Instruments
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G27 TI1-SN74LVC1G27_15 Datasheet
1Mb / 24P
Single 3-Input Positive-NOR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com