Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G34 Datasheet (PDF) - Texas Instruments

SN74LVC1G34 Datasheet PDF - Texas Instruments
Part # SN74LVC1G34
Download  SN74LVC1G34 Download
File Size   2869.47 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G34 Single Buffer Gate

SN74LVC1G34 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G34 Datasheet PDF - Texas Instruments

Part # SN74LVC1G34
Download  SN74LVC1G34 Click to download

File Size   2869.47 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G34 Single Buffer Gate

SN74LVC1G34 Datasheet (HTML) - Texas Instruments


SN74LVC1G34 Product details

1 Features
• Available in the ultra small 0.64mm2
package (DPW) with 0.5mm pitch
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Provides down translation to VCC
• Maximum tpd of 3.5ns at 3.3V
• Low power consumption, 1μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports live insertion, partial power down
mode, and back drive protection
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 2000V human-body model (A114A)
– 200V machine model (A115A)
– 1000V charged-device model (C101)

2 Applications
• AV receiver
• Audio dock: portable
• Blu-ray player and home theater
• DVD recorder and player
• Embedded PC
• MP3 player/recorder (portable audio)
• Personal Digital Assistant (PDA)
• Power: telecom/server AC/DC supply: single
controller: analog and digital
• Solid State Drive (SSD): client and enterprise
• TV: LCD/digital and high-definition (HDTV)
• Tablet: enterprise
• Video analytics: server
• Wireless headset, keyboard, and mouse

3 Description
This single buffer gate is designed for 1.65V to 5.5V
VCC operation.
The SN74LVC1G34 device performs the Boolean
function Y = A in positive logic.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC Operating range.
The SN74LVC1G34 is available in a variety of
packages, including the ultra-small DPW package
with a body size of 0.8mm × 0.8mm.




Similar Part No. - SN74LVC1G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Guangdong Youtai Semico...
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Texas Instruments
SN74LVC1G34 TI2-SN74LVC1G34 Datasheet
1Mb / 29P
SN74LVC1G34-Q1 Automotive Single Buffer/Driver
JUNE 2025
SN74LVC1G34-Q1 TI2-SN74LVC1G34-Q1 Datasheet
1Mb / 29P
SN74LVC1G34-Q1 Automotive Single Buffer/Driver
JUNE 2025
More results


Similar Description - SN74LVC1G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
SINGLE BUFFER GATE
Rev 1
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI1-SN74LVC1G34_16 Datasheet
1Mb / 38P
SN74LVC1G34 Single Buffer Gate
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com