Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G17DBVT Datasheet (PDF) - Texas Instruments

SN74LVC2G17DBVT Datasheet PDF - Texas Instruments
Part # SN74LVC2G17DBVT
Download  SN74LVC2G17DBVT Download
File Size   1807.8 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G17 Dual Schmitt-Trigger Buffer

SN74LVC2G17DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G17DBVT Datasheet PDF - Texas Instruments

Part # SN74LVC2G17DBVT
Download  SN74LVC2G17DBVT Click to download

File Size   1807.8 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G17 Dual Schmitt-Trigger Buffer

SN74LVC2G17DBVT Datasheet (HTML) - Texas Instruments


SN74LVC2G17DBVT Product details

1 Features
1• Schmitt-Trigger inputs provide hysteresis
• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V V CC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 5.4 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at V CC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• I off Supports Live Insertion, Partial-Power-Down
Mode Operation and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model
– 1000-V Charged-Device Model

2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-ray Players and Home Theater
• MP3 Players/Recorders
• Personal Digital Assistants (PDAs)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drives (SSDs): Client and Enterprise
• TVs: LCD/Digital and High-Definition (HDTVs)
• Tablets: Enterprise
• Video Analytics: Server
• Wireless Headsets, Keyboards, and Mice

3 Description
This dual Schmitt-Trigger buffer is designed for 1.65-
V to 5.5-V VCC operation.
The SN74LVC2G17 device contains two buffers and
performs the Boolean function Y = A. The device
functions as two independent buffers, but because of
Schmitt action, it may have different input threshold
levels for positive-going (VT+) and negative-going
(VT–) signals.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G17DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVT TI1-SN74LVC2G17DBVT Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
SN74LVC2G17DBVTE4 TI-SN74LVC2G17DBVTE4 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
More results


Similar Description - SN74LVC2G17DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
DUAL SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com