Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28250 Datasheet (PDF) - Texas Instruments

UCC28250 Datasheet PDF - Texas Instruments
Part # UCC28250
Download  UCC28250 Download
File Size   1922.39 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28250 Advanced PWM Controller With Prebias Operation

UCC28250 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28250 Datasheet PDF - Texas Instruments

Part # UCC28250
Download  UCC28250 Click to download

File Size   1922.39 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28250 Advanced PWM Controller With Prebias Operation

UCC28250 Datasheet (HTML) - Texas Instruments


UCC28250 Product details

1 Features
1• Prebiased Start-up
• Synchronous Rectifier Control Outputs With
Programmable Delays (Including Zero Delay
Support)
• Voltage Mode Control With Input Voltage Feed-
Forward or Current Mode Control
• Primary or Secondary-Side Control
• 3.3-V, 1.5% Accurate Reference Output
• 1-MHz Capable Switching Frequency
• 1% Accurate Cycle-by-Cycle Overcurrent
Protection with Matched Duty Cycle Outputs
• Programmable Soft-Start and Hiccup Restart
Timer
• Thermally Enhanced 4-mm × 4-mm QFN-20
Package and 20-pin TSSOP Package

2 Applications
• Half-Bridge, Full-Bridge, Interleaved Forward, and
Push-Pull Isolated Converters
• Telecom and Data-com Power
• Wireless Base Station Power
• Server Power
• Industrial Power Systems

3 Description
The UCC28250 PWM controller is designed for high
power density applications that may have stringent
prebiased start-up requirements. The integrated
synchronous rectifier control outputs target highefficiency
and high-performance topologies such as
half-bridge, full-bridge, interleaved forward, and pushpull.
The UCC27200 half-bridge drivers and
UCC2732X MOSFET drivers used in conjunction with
the UCC28250 provide a complete power converter
solution.
Externally programmable soft-start, used in
conjunction with an internal prebiased start-up circuit,
allows the controller to gradually reach a steady-state
operating point under all output conditions. The
UCC28250 can be configured for primary or
secondary-side control and either voltage or current
mode control can be implemented.
The oscillator operates at frequencies up to 2 MHz,
and can be synchronized to an external clock. Input
voltage feedforward, cycle-by-cycle current limit, and
a programmable hiccup timer allow the system to
stay within a safe operation range. Input voltage,
output voltage and temperature protection can be
implemented. Dead time between primary-side switch
and secondary-side synchronous rectifiers can be
independently programmed.




Similar Part No. - UCC28250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250 Datasheet
758Kb / 48P
Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI1-UCC28250PW Datasheet
980Kb / 53P
Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
Advanced PWM Controller With Pre-Bias Operation
More results


Similar Description - UCC28250

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
Advanced PWM Power Controller
logo
Texas Instruments
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
Advanced PWM Motor Controller
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
UCC28251 Advanced PWM Controller With Prebias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
Advanced PWM Controller With Prebias Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com