Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7016 Datasheet (PDF) - Anpec Electronics Coropration

APW7016 Datasheet PDF - Anpec Electronics Coropration
Part # APW7016
Download  APW7016 Download
File Size   114.97 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM Power Controller

APW7016 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7016 Datasheet PDF - Anpec Electronics Coropration

Part # APW7016
Download  APW7016 Click to download

File Size   114.97 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM Power Controller

APW7016 Datasheet (HTML) - Anpec Electronics Coropration


APW7016 Product details

General Description
The APW7016 provides a complete control and protection for a DC-DC converter optimized for high performance microprocessor applications. It is designed to drive two N-Channel MOSFETs in a synchronousrectified buck topology. The APW7016 integrates output voltage control , monitoring and protection functions into a single Package.

Features
• Simple Single-Loop Control Design
    −Voltage-Mode PWM Control
• Excell Output Voltage Regulation
    −PWM Output : ±1% Over Temperautre
• Fast Transient Response
    −High-Bandwidth Error Amplifier
    −Full 0% to 100% Duty Ratio
• 3-Bit Digital-to-Analog Output Voltage Selection
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
    −200kHz Free-Running Oscillator
    −Programmable from 50KHz to 800KHz

Applications
• High-Power 5V to 3.xV (or below) DC-DC Regulators
• Low-Voltage Distributed Power Supplies
• VGA Card Power Regulation




Similar Part No. - APW7016

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7015KC-TR ANPEC-APW7015KC-TR Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7015KC-TU ANPEC-APW7015KC-TU Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
More results


Similar Description - APW7016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1638 TI-UC1638 Datasheet
304Kb / 9P
Advanced PWM Motor Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
ADVANCED PWM CONTROLLER
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
Advanced Dual PWM Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
Advanced PWM Motor Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com