Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7036 Datasheet (PDF) - Anpec Electronics Coropration

APW7036 Datasheet PDF - Anpec Electronics Coropration
Part # APW7036
Download  APW7036 Download
File Size   125.53 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced Dual PWM Power Controller

APW7036 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7036 Datasheet PDF - Anpec Electronics Coropration

Part # APW7036
Download  APW7036 Click to download

File Size   125.53 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced Dual PWM Power Controller

APW7036 Datasheet (HTML) - Anpec Electronics Coropration


APW7036 Product details

General Description
The APW7036 provides complete power control and protection for two DC-DC converter optimized in VGA Card applications. It integrates two PWM controllers , as well as the monitoring and protection function into a single package.

Features
• 2 Regulated Voltage are provided
    − SYNC Switching Power Internal Reference Voltage (1.25V , 1.5V , 1.8V and 2.05V)
    − ASYNC Switching Power Internal Reference Voltage (1.5V)
• Simple Single-Loop Control Design
    − Voltage-Mode PWM Control
• Excellent Output Voltage Regulation
    − SYNC Output : ±1% Over Temperature
    − ASYNC Output : ±3% Over Temperature
• Fast Transient Response
    − High-Bandwidth Error Amplifier
    − Full 0% to 100% Duty Ratio
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
    − Constant Frequency Operation(200kHz)
    − Programmable Oscillator from 50kHz to 800kHz
    − Reduce External Component Count
• 20Pin , SOIC Package

Applications
• High Power 5V to 2.5 or 3.3V DC-DC Regulator
• VGA Card Power Regulation




Similar Part No. - APW7036

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7035 ANPEC-APW7035 Datasheet
127Kb / 11P
Advanced PWM and Linear Power Control
APW703512KC-TR ANPEC-APW703512KC-TR Datasheet
127Kb / 11P
Advanced PWM and Linear Power Control
APW703512KC-TRL ANPEC-APW703512KC-TRL Datasheet
127Kb / 11P
Advanced PWM and Linear Power Control
APW703512KC-TU ANPEC-APW703512KC-TU Datasheet
127Kb / 11P
Advanced PWM and Linear Power Control
APW703512KC-TUL ANPEC-APW703512KC-TUL Datasheet
127Kb / 11P
Advanced PWM and Linear Power Control
More results


Similar Description - APW7036

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
Advanced PWM Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com