Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7035 Datasheet (PDF) - Anpec Electronics Coropration

APW7035 Datasheet PDF - Anpec Electronics Coropration
Part # APW7035
Download  APW7035 Download
File Size   127.24 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Linear Power Control

APW7035 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7035 Datasheet PDF - Anpec Electronics Coropration

Part # APW7035
Download  APW7035 Click to download

File Size   127.24 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Linear Power Control

APW7035 Datasheet (HTML) - Anpec Electronics Coropration


APW7035 Product details

General Description
The APW7035 integrates PWM controller and linear controller , as well as the monitoring and protection functions into a single package , which provides two controlled power outputs with over-voltage and overcurrent protections. The PWM controller regulates the DDR reference voltage (1.25V) or GPU Voltage (2.05V) with a synchronous-rectified buck converter. The linear controller regulates power for Memory Voltage.

Features
• 2 Regulated Voltage are provided
    − Switching Power for Fixed Voltage (1.25V / 2.05V) or Adjustable Voltage
    − Linear Regulator for FBVDDQ(2.5V)
• Simple Single-Loop Control Design
    − Voltage-Mode PWM Control
• Excellent Output Voltage Regulation
    − PWM Output : ±1%
    − Linear Output : ±3%
• Fast Transient Response
    − High-Bandwidth Error Amplifier
    − Full 0% to 100% Duty Ratio
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
    − Constant Frequency Operation(200kHz)
    − Reduce External Component Count

Applications
• Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
• VGA Card Power Regulation
• Termination Voltage




Similar Part No. - APW7035

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
Advanced Dual PWM Power Controller
APW703612KC-TR ANPEC-APW703612KC-TR Datasheet
125Kb / 11P
Advanced Dual PWM Power Controller
APW703612KC-TRL ANPEC-APW703612KC-TRL Datasheet
125Kb / 11P
Advanced Dual PWM Power Controller
APW703612KC-TU ANPEC-APW703612KC-TU Datasheet
125Kb / 11P
Advanced Dual PWM Power Controller
APW703612KC-TUL ANPEC-APW703612KC-TUL Datasheet
125Kb / 11P
Advanced Dual PWM Power Controller
More results


Similar Description - APW7035

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7025 ANPEC-APW7025 Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com