Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR206G Datasheet (PDF) - Multicomp Pro

FR206G Datasheet PDF - Multicomp Pro
Part # FR206G
Download  FR206G Download
File Size   339.84 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Glass Passivated Rectifier Diodes Vrrm - 200 Volts to 1000 Volts, 2A

FR206G Datasheet (PDF)

Go To PDF Page Download Datasheet
FR206G Datasheet PDF - Multicomp Pro

Part # FR206G
Download  FR206G Click to download

File Size   339.84 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Glass Passivated Rectifier Diodes Vrrm - 200 Volts to 1000 Volts, 2A

FR206G Datasheet (HTML) - Multicomp Pro


FR206G Product details

Features
• Low cost
• Low reverse leakage current
• Low forward voltage drop
• Fast switching for high efficiency
• High current capability
• Meet UL flammability classification 94V-0
• Lead free
• Case style: DO-204AC (DO-15) molded plastic




Similar Part No. - FR206G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR206G RECTRON-FR206G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR206G JGD-FR206G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR206G BYTES-FR206G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR206G CHENYI-FR206G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR206G DCCOM-FR206G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Similar Description - FR206G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
RA351GP MCC-RA351GP Datasheet
114Kb / 2P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
RA351GP MCC-RA351GP_08 Datasheet
103Kb / 3P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA251GP MCC-SRA251GP Datasheet
186Kb / 3P
25Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA351GP MCC-SRA351GP Datasheet
203Kb / 3P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
50Amp Glass Passivated Rectifier 50 to 1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
List of Unclassifed Man...
1N4007SMD ETC-1N4007SMD Datasheet
452Kb / 2P
Surface Mount Glass Passivated Rectifier Diode Vrrm 1000 Volts, 1A
06/09/19 V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com