Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS25T24 Datasheet (PDF) - STMicroelectronics

GS25T24 Datasheet PDF - STMicroelectronics
Part # GS25T24
Download  GS25T24 Download
File Size   51.08 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25/30 W DC-DC CONVERTER FAMILY

GS25T24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS25T24 Datasheet PDF - STMicroelectronics

Part # GS25T24
Download  GS25T24 Click to download

File Size   51.08 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25/30 W DC-DC CONVERTER FAMILY

GS25T24 Datasheet (HTML) - STMicroelectronics


GS25T24 Product details

DESCRIPTION
The GS25T24-5, GS30T24-12 and GS30T24-15 are isolated DC-DC converters designed for general purpose application. The output power is in the range of 25W to 30W.
To ensure very long life, these converters do not use electrolytic aluminum capacitors or optoelectronic feedback systems.

FEATURES
■ MTBF in excess of 1M hours at +45°C ambient temperature
■ Wide input voltage range (18 to 36V)
■ No external component required
■ High efficiency (see data)
■ Non latching permanent short-circuit protection
■ Overvoltage protection
■ Redundant operation
■ Remote output voltage sense
■ Remote INHIBIT/ENABLE
■ Soft-start
■ Minimized reflected input current
■ Reverse input polarity protection
■ Peak input overvoltage withstand
■ No derating over the temperature range
■ 500VDC minimum isolation between input and output
■ PCB or chassis mountable




Similar Part No. - GS25T24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS25T48 STMICROELECTRONICS-GS25T48 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS25T48-12 STMICROELECTRONICS-GS25T48-12 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS25T48-15 STMICROELECTRONICS-GS25T48-15 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS25T48-5 STMICROELECTRONICS-GS25T48-5 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
More results


Similar Description - GS25T24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS25T48 STMICROELECTRONICS-GS25T48 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
25 W Flyback DC-DC Converter
logo
Power Systems GmbH+Co.K...
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
logo
HY-LINE Power Component...
P25E7205SK HY-LINE-P25E7205SK Datasheet
391Kb / 4P
25 W DC-DC Converter P25E-Series
Rev: 20180905 f
P30D243R3S HY-LINE-P30D243R3S Datasheet
2Mb / 8P
30 W DC-DC Converter P30D-Series
Rev: 20180207 f
P30H243R3CS HY-LINE-P30H243R3CS Datasheet
2Mb / 8P
30 W DC-DC Converter P30HxxxxCx-Series
Rev: 20180615 f
P30H243R3S HY-LINE-P30H243R3S Datasheet
1Mb / 6P
30 W DC-DC Converter P30H-Series
Rev: 20170621 f
P30J243R3S HY-LINE-P30J243R3S Datasheet
789Kb / 4P
30 W DC-DC Converter P30J-Series
Rev: 20170828 f
logo
Bel Fuse Inc.
RFT-30Y BEL-RFT-30Y Datasheet
1Mb / 11P
30 W Isolated DC-DC Converter
16 December 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com