Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS25T24 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS25T24
Description  25/30 W DC-DC CONVERTER FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS25T24 Datasheet(HTML) 1 Page - STMicroelectronics

  GS25T24 Datasheet HTML 1Page - STMicroelectronics GS25T24 Datasheet HTML 2Page - STMicroelectronics GS25T24 Datasheet HTML 3Page - STMicroelectronics GS25T24 Datasheet HTML 4Page - STMicroelectronics GS25T24 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GS25/30T24 Family
25/30 W DC-DC CONVERTER FAMILY
December 1993
1/5
Type
Vin
Vout
Iout
GS25T24-5
18 to 36 V
5 V
5 A
GS30T24-12
18 to 36 V
12 V
2,5 A
GS30T24-15
18 to 36 V
15 V
2 A
FEATURES
MTBF in excess of 1M hours at +45
°C ambient
temperature
Wide input voltage range (18 to 36V)
No external component required
High efficiency (see data)
Non latching permanent short-circuit protection
Overvoltage protection
Redundant operation
Remote output voltage sense
Remote INHIBIT/ENABLE
Soft-start
Minimized reflected input current
Reverse input polarity protection
Peak input overvoltage withstand
No derating over the temperature range
500VDC minimum isolation between input and
output
PCB or chassis mountable
DESCRIPTION
The GS25T24-5, GS30T24-12 and GS30T24-15
are isolated DC-DC converters designed for gen-
eral purpose application.
The output power is in the range of 25W to 30W.
To ensure very long life, these converters do not
use electrolytic aluminum capacitors or optoelec-
tronic feedback systems.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
17 to 38V
V
Vipk
Input Transient Overvoltage (t
≤ 1sec.)
45
V
Vir
Input Reverse Voltage
50
V
Tstg
Storage Temperature Range
-55 to +105
°C
Top
Operating Temperature Range
-25 to +71
°C


Similar Part No. - GS25T24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS25T48 STMICROELECTRONICS-GS25T48 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS25T48-12 STMICROELECTRONICS-GS25T48-12 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS25T48-15 STMICROELECTRONICS-GS25T48-15 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS25T48-5 STMICROELECTRONICS-GS25T48-5 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
More results

Similar Description - GS25T24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS25T48 STMICROELECTRONICS-GS25T48 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
25 W Flyback DC-DC Converter
logo
Power Systems GmbH+Co.K...
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
logo
HY-LINE Power Component...
P25E7205SK HY-LINE-P25E7205SK Datasheet
391Kb / 4P
25 W DC-DC Converter P25E-Series
Rev: 20180905 f
P30D243R3S HY-LINE-P30D243R3S Datasheet
2Mb / 8P
30 W DC-DC Converter P30D-Series
Rev: 20180207 f
P30H243R3CS HY-LINE-P30H243R3CS Datasheet
2Mb / 8P
30 W DC-DC Converter P30HxxxxCx-Series
Rev: 20180615 f
P30H243R3S HY-LINE-P30H243R3S Datasheet
1Mb / 6P
30 W DC-DC Converter P30H-Series
Rev: 20170621 f
P30J243R3S HY-LINE-P30J243R3S Datasheet
789Kb / 4P
30 W DC-DC Converter P30J-Series
Rev: 20170828 f
logo
Bel Fuse Inc.
RFT-30Y BEL-RFT-30Y Datasheet
1Mb / 11P
30 W Isolated DC-DC Converter
16 December 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com