Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX00TTR Datasheet (PDF) - STMicroelectronics

74LCX00TTR Datasheet PDF - STMicroelectronics
Part # 74LCX00TTR
Download  74LCX00TTR Download
File Size   283.02 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs

74LCX00TTR Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX00TTR Datasheet PDF - STMicroelectronics

Part # 74LCX00TTR
Download  74LCX00TTR Click to download

File Size   283.02 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs

74LCX00TTR Datasheet (HTML) - STMicroelectronics


74LCX00TTR Product details

Features
■ 5 V tolerant inputs
■ High speed
– tPD = 4.3 ns (max.) at VCC = 3 V
■ Power-down protection on inputs and outputs
■ Symmetrical output impedance
– |IOH| = IOL = 24 mA (min.) at VCC = 3 V
■ PCI bus levels guaranteed at 24 mA
■ Balanced propagation delay
– tPLH ≅ tPHL
■ Operating voltage range
– VCC (opr.) = 2.0 V to 3.6 V
■ Pin and function compatible with 74 series 00
■ Latch-up performance exceeds 500 mA
(JESD 17)
■ ESD performance
– HBM: 2000 V (MIL STD 883 method 3015)
– MM: 200 V
– CDM: 1000 V




Similar Part No. - 74LCX00TTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
501Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
504Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX00 ONSEMI-74LCX00 Datasheet
750Kb / 14P
Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
More results


Similar Description - 74LCX00TTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX20M STMICROELECTRONICS-74LVX20M Datasheet
161Kb / 8P
LOW VOLTAGE CMOS DUAL 4-INPUT NAND GATE WITH 5V TOLERANT INPUTS
Jul-2001
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F_07 Datasheet
271Kb / 10P
Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX20 STMICROELECTRONICS-74LVX20_04 Datasheet
231Kb / 11P
LOW VOLTAGE CMOS DUAL 4-INPUT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F_12 Datasheet
210Kb / 9P
Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com