Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS2672 Datasheet (PDF) - ON Semiconductor

FDS2672 Datasheet PDF - ON Semiconductor
Part # FDS2672
Download  FDS2672 Download
File Size   455.11 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UltraFET Trench® MOSFET 200V, 3.9A, 70mΩ

FDS2672 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS2672 Datasheet PDF - ON Semiconductor

Part # FDS2672
Download  FDS2672 Click to download

File Size   455.11 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UltraFET Trench® MOSFET 200V, 3.9A, 70mΩ

FDS2672 Datasheet (HTML) - ON Semiconductor


FDS2672 Product details

Features
Max rDS(on) = 70mΩ at VGS = 10V, ID = 3.9A
Max rDS(on) = 80mΩ at VGS = 6V, ID = 3.5A
Fast switching speed
High performance trench technology for extremely low rDS(on)
RoHS compliant

General Description
This single N-Channel MOSFET is produced using Fairchild Semiconductor’s advanced UItraFET Trench® process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.

Application
DC-DC conversion




Similar Part No. - FDS2672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2672 FAIRCHILD-FDS2672 Datasheet
412Kb / 6P
N-Channel UltraFET Trench짰 MOSFET 200V, 3.9A, 70m?
logo
Guangdong Kexin Industr...
FDS2672 KEXIN-FDS2672 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Fairchild Semiconductor
FDS2672 FAIRCHILD-FDS2672_10 Datasheet
563Kb / 6P
N-Channel UltraFET Trench짰 MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
N-Channel UltraFET Trench MOSFET
More results


Similar Description - FDS2672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
N-Channel UltraFET Trench MOSFET
FDS2672 FAIRCHILD-FDS2672 Datasheet
412Kb / 6P
N-Channel UltraFET Trench짰 MOSFET 200V, 3.9A, 70m?
FDMC2610 FAIRCHILD-FDMC2610 Datasheet
370Kb / 7P
N-Channel UltraFET Trench MOSFET(200V, 9.5A, 200mohm)
FDMS2672 FAIRCHILD-FDMS2672 Datasheet
508Kb / 7P
N-Channel UltraFET Trench MOSFET 200V, 20A, 77mohm
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDMC2610 FAIRCHILD-FDMC2610_12 Datasheet
620Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
FDMS2672 FAIRCHILD-FDMS2672_12 Datasheet
319Kb / 7P
N-Channel UltraFET Trench MOSFET 200V, 20A, 77m
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
N-Channel UltraFET Trench MOSFET
logo
Alpha & Omega Semicondu...
AOD5T40P AOSMD-AOD5T40P Datasheet
438Kb / 6P
400V,3.9A N-Channel MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com