Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1065890 Datasheet (PDF) - PHOENIX CONTACT

1065890 Datasheet PDF - PHOENIX CONTACT
Part # 1065890
Download  1065890 Download
File Size   328.25 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFMC 1,5/16-ST-3,5-LR AU - PCB connector

1065890 Datasheet (PDF)

Go To PDF Page Download Datasheet
1065890 Datasheet PDF - PHOENIX CONTACT

Part # 1065890
Download  1065890 Click to download

File Size   328.25 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFMC 1,5/16-ST-3,5-LR AU - PCB connector

1065890 Datasheet (HTML) - PHOENIX CONTACT


1065890 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Socket, number of potentials: 32,
number of rows: 2, number of positions: 16, number of connections: 32, product range: DFMC
1,5/..-ST-LR, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON DFMC 1,5, locking: Lock-and-release
locking system, mounting method: Lock & Release ejector lever, type of packaging: packed in
cardboard




Similar Part No. - 1065890

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1065840000 WEIDMULLER-1065840000 Datasheet
540Kb / 7P
BL 3.50/04/180 SN TGY BX PRT
More results


Similar Description - 1065890

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790247 PHOENIX-1790247 Datasheet
95Kb / 4P
DFMC 1,5/16-ST-3,5
1790483 PHOENIX-1790483 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5-LR
1790577 PHOENIX-1790577 Datasheet
172Kb / 10P
Printed-circuit board connector - DFMC 1,5/11-ST-3,5-LR
1790629 PHOENIX-1790629 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/16-ST-3,5-LR
1790645 PHOENIX-1790645 Datasheet
160Kb / 10P
Printed-circuit board connector - DFMC 1,5/18-ST-3,5-LR
1790548 PHOENIX-1790548 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 8-ST-3,5-LR
Nov 30, 2022
1790496 PHOENIX-1790496 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 3-ST-3,5-LR
Dec 30, 2022
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1790551 PHOENIX-1790551 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 9-ST-3,5-LR
Jan 3, 2023
1790632 PHOENIX-1790632 Datasheet
753Kb / 15P
PCB connector - DFMC 1,5/17-ST-3,5-LR
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com