Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1065890 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1065890
Description  DFMC 1,5/16-ST-3,5-LR AU - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1065890 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1065890 Datasheet HTML 1Page - PHOENIX CONTACT 1065890 Datasheet HTML 2Page - PHOENIX CONTACT 1065890 Datasheet HTML 3Page - PHOENIX CONTACT 1065890 Datasheet HTML 4Page - PHOENIX CONTACT 1065890 Datasheet HTML 5Page - PHOENIX CONTACT 1065890 Datasheet HTML 6Page - PHOENIX CONTACT 1065890 Datasheet HTML 7Page - PHOENIX CONTACT 1065890 Datasheet HTML 8Page - PHOENIX CONTACT 1065890 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Socket, number of potentials: 32,
number of rows: 2, number of positions: 16, number of connections: 32, product range: DFMC
1,5/..-ST-LR, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON DFMC 1,5, locking: Lock-and-release
locking system, mounting method: Lock & Release ejector lever, type of packaging: packed in
cardboard
Your advantages
Gold-plated contacts ensure transfer quality remains stable over the long term
•
Time saving push-in connection, tools not required
•
Intuitive operation due to color-coded actuating push button
•
Optimized for tight installation situations: operation and conductor connection from one direction
•
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
•
Defined contact force ensures that contact remains stable over the long term
•
Commercial data
Item number
1065890
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA02
Product key
AABFJC
GTIN
4055626728834
Weight per piece (including packing)
18.413 g
Weight per piece (excluding packing)
17.83 g
Customs tariff number
85366990
Country of origin
DE
DFMC 1,5/16-ST-3,5-LR AU - PCB connector
1065890
https://www.phoenixcontact.com/us/products/1065890
Nov 11, 2025, 1:20AM
Page 1 (10)


Similar Part No. - 1065890

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1065840000 WEIDMULLER-1065840000 Datasheet
540Kb / 7P
BL 3.50/04/180 SN TGY BX PRT
More results

Similar Description - 1065890

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790247 PHOENIX-1790247 Datasheet
95Kb / 4P
DFMC 1,5/16-ST-3,5
1790483 PHOENIX-1790483 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5-LR
1790577 PHOENIX-1790577 Datasheet
172Kb / 10P
Printed-circuit board connector - DFMC 1,5/11-ST-3,5-LR
1790629 PHOENIX-1790629 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/16-ST-3,5-LR
1790645 PHOENIX-1790645 Datasheet
160Kb / 10P
Printed-circuit board connector - DFMC 1,5/18-ST-3,5-LR
1790548 PHOENIX-1790548 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 8-ST-3,5-LR
Nov 30, 2022
1790496 PHOENIX-1790496 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 3-ST-3,5-LR
Dec 30, 2022
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1790551 PHOENIX-1790551 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 9-ST-3,5-LR
Jan 3, 2023
1790632 PHOENIX-1790632 Datasheet
753Kb / 15P
PCB connector - DFMC 1,5/17-ST-3,5-LR
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com