Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613A Datasheet (PDF) - Texas Instruments

TAS5613A Datasheet PDF - Texas Instruments
Part # TAS5613A
Download  TAS5613A Download
File Size   2234.63 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150W STEREO / 300W MONO PurePath™ HD ANALOG-INPUT POWER STAGE

TAS5613A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5613A Datasheet PDF - Texas Instruments

Part # TAS5613A
Download  TAS5613A Click to download

File Size   2234.63 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150W STEREO / 300W MONO PurePath™ HD ANALOG-INPUT POWER STAGE

TAS5613A Datasheet (HTML) - Texas Instruments


TAS5613A Product details

1FEATURES
23. Active Enabled Integrated Feedback Provides:
(PurePath™ HD)
. Signal Bandwidth up to 80kHz for High
Frequency Content From HD Sources
. Ultra Low 0.03% THD at 1W into 4Ω
. Flat THD at all Frequencies for Natural
Sound
. 80dB PSRR (BTL, No Input Signal)
. >100dB (A Weighted) SNR
. Click and Pop Free Startup and Stop
. Pin compatible with TAS5630, TAS5615 and
TAS5611
. Multiple Configurations Possible on the Same
PCB:
. Mono Parallel Bridge Tied Load (PBTL)
. Stereo Bridge Tied Load (BTL)
. 2.1 Single Ended (SE) Stereo Pair and
Bridge Tied Load Subwoofer
. Total Output Power at 10%THD+N
. 300W in Mono PBTL Configuration
. 150W per Channel in Stereo BTL
Configuration
. Total Output Power in BTL Configuration at
1%THD+N
. 160W Stereo into 3Ω
. 125W Stereo into 4Ω
. 85W Stereo into 6Ω
. 65W Stereo into 8Ω
. >90% Efficient Power Stage With 60-mΩ
Output MOSFETs
. Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short Circuit Protection) With Error Reporting
. EMI Compliant When Used With
Recommended System Design
. Thermally Enhanced Package Options:
. PHD (64-pin QFP)
. DKD (44-pin PSOP3)

APPLICATIONS
. Home Theater Systems
. AV Receivers
. DVD/ Blu-ray Disk™ Receivers
. Mini Combo Systems
. Active Speakers and Subwoofers

DESCRIPTION
The TAS5613A is a high-performance analog input
Class D amplifier with integrated closed loop
feedback technology (known as PurePath™ HD). It has the ability to drive up to 150 W.(1) Stereo into 4Ω
speakers from a single 36V supply.
PurePath™ HD technology enables traditional
AB-Amplifier performance (<0.03% THD) levels while
providing the power efficiency of traditional class D
amplifiers.
Unlike traditional Class-D amplifiers, the distortion
curve only increases once the output levels move into
clipping.
PurePath™ HD technology enables lower idle losses
making the device even more efficient.




Similar Part No. - TAS5613A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A Datasheet
2Mb / 33P
150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI2-TAS5613A Datasheet
1Mb / 42P
TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
REVISED APRIL 2016
TAS5613A TI2-TAS5613A Datasheet
1Mb / 43P
TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
REVISED APRIL 2016
TAS5613ADKD TI-TAS5613ADKD Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Similar Description - TAS5613A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com