Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613A Datasheet (PDF) - Texas Instruments

TAS5613A Datasheet PDF - Texas Instruments
Part # TAS5613A
Download  TAS5613A Download
File Size   1048.7 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier

TAS5613A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5613A Datasheet PDF - Texas Instruments

Part # TAS5613A
Download  TAS5613A Click to download

File Size   1048.7 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier

TAS5613A Datasheet (HTML) - Texas Instruments


TAS5613A Product details

1 Features
1• Differential Analog Inputs
• Total Output Power at 10%THD+N
– 175-W Stereo into 4 Ω in BTL Configuration
– 220-W Stereo into 3 Ω in BTL Configuration
– 350-W Mono into 2 Ω in PBTL Configuration
• Total Output Power at 1%THD+N
– 140-W Stereo into 4 Ω in BTL Configuration
– 175-W Stereo into 3 Ω in BTL Configuration
– 285-W Mono into 2 Ω in PBTL Configuration
• Advanced Integrated Feedback Design with Highspeed
Gate Driver Error Correction
(PurePath™ Ultra-HD)
– Signal Bandwidth up to 100 kHz for High
Frequency Content From HD Sources
– Ultra Low 0.005% THD+N at 1 W into 4 Ω and
<0.01% THD+N to Clipping
– 60 dB PSRR (BTL, No Input Signal)
– <60 μV (A-Weighted) Output Noise
– >111 dB (A Weighted) SNR
• Multiple Configurations Possible:
– Stereo, Mono, 2.1 and 4xSE
• Click and Pop Free Startup and Stop
• 90% Efficient Class-D Operation (4 Ω)
• Wide 12-V to 36-V Supply Voltage Operation
• Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short Circuit
Protection) With Error Reporting
• EMI Compliant When Used With Recommended
System Design

2 Applications
• Blu-ray Disk™ / DVD Receivers
• High End HTiB Systems
• AV Receivers
• High End Soundbar
• Mini Combo Systems
• Active Speakers and Subwoofers

3 Description
TPA3251 is a high performance class-D power
amplifier that enables true premium sound quality
with class-D efficiency. It features an advanced
integrated feedback design and proprietary highspeed
gate driver error correction (PurePath™ Ultra-
HD). This technology allows ultra low distortion
across the audio band and superior audio quality.
The device can drive up to 2 x 175 W into 4-Ω load
and 2 x 220 W into 3-Ω load and features a 2 VRMS
analog input interface that works seamlessly with high
performance DACs such as TI's PCM5242. In
addition to excellent audio performance, TPA3251
achieves both high power efficiency and very low
power stage idle losses below 1 W. This is achieved
through the use of 60 mΩ MOSFETs and an
optimized gate driver scheme that achieves
significantly lower idle losses than typical discrete
implementations.




Similar Part No. - TAS5613A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A Datasheet
2Mb / 33P
150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI2-TAS5613A Datasheet
1Mb / 42P
TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
REVISED APRIL 2016
TAS5613A TI2-TAS5613A Datasheet
2Mb / 33P
150W STEREO / 300W MONO PurePath™ HD ANALOG-INPUT POWER STAGE
REVISED SEPTEMBER 2011
TAS5613ADKD TI-TAS5613ADKD Datasheet
1Mb / 26P
150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Similar Description - TAS5613A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TAS3251 TI1-TAS3251 Datasheet
1Mb / 123P
175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS3251 TI-TAS3251_V01 Datasheet
2Mb / 122P
TAS3251 175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com