Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5720L Datasheet (PDF) - Texas Instruments

TAS5720L Datasheet PDF - Texas Instruments
Part # TAS5720L
Download  TAS5720L Download
File Size   1592.39 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5720x Digital Input Mono Class-D Audio Amplifier With TDM Support Up To 8 Channels

TAS5720L Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5720L Datasheet PDF - Texas Instruments

Part # TAS5720L
Download  TAS5720L Click to download

File Size   1592.39 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5720x Digital Input Mono Class-D Audio Amplifier With TDM Support Up To 8 Channels

TAS5720L Datasheet (HTML) - Texas Instruments


TAS5720L Product details

1 Features
1. Mono Class-D Amplifier
. 20 W at 0.15% THD Continuous into
19 V / 4 Ω
. TDM Audio Input
. Up to 8 Channels (32-bit, 48 kHz)
. I2C Control With 8 Selectable I2C Address
. Power Supplies
. Power Amplifier: 4.5 V to 16.5 V, TAS5720L
. Power Amplifier: 4.5 V to 26.4 V, TAS5720M
. Digital I/O: 3.3 V
. Protection: Thermal and Short-Circuit
. Package: 4 mm × 4 mm, 32-pin VQFN

2 Applications
. Sub Woofers
. Boom Boxes
. Bar Speakers
. Surround Sound Systems

3 Description
The TAS5720x device is a high-efficiency mono
Class-D audio power amplifier optimized for high
transient power capability to use the dynamic power
headroom of small loudspeakers. The device is
capable of delivering more than 15 W continuously
into a 4-Ω speaker.
The digital time division multiplexed (TDM) interface
enables up to eight devices to share the same bus.
The TAS5720x device is available in a 32-pin,
4 mm × 4 mm, VQFN package for a compact PCB
footprint.




Similar Part No. - TAS5720L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5720L TI1-TAS5720L Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS5720LRSMR TI1-TAS5720LRSMR Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS5720LRSMT TI1-TAS5720LRSMT Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS5720L TI-TAS5720L_15 Datasheet
148Kb / 6P
TAS5720x Digital Input Mono Class-D Audio Amplifier With TDM Support Up To 8 Channels
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
More results


Similar Description - TAS5720L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
TAS5720L TI-TAS5720L_15 Datasheet
148Kb / 6P
TAS5720x Digital Input Mono Class-D Audio Amplifier With TDM Support Up To 8 Channels
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS5722L TI1-TAS5722L Datasheet
304Kb / 13P
TAS5722L Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
Digital Input, Mono 2 W, Class-D Audio Power Amplifier
7/12-Revision 0
logo
Texas Instruments
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com