Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC10G065DY Datasheet (PDF) - STMicroelectronics

STPSC10G065DY Datasheet PDF - STMicroelectronics
Part # STPSC10G065DY
Download  STPSC10G065DY Download
File Size   530.61 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V, 10 A high surge silicon carbide power Schottky diode

STPSC10G065DY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC10G065DY Datasheet PDF - STMicroelectronics

Part # STPSC10G065DY
Download  STPSC10G065DY Click to download

File Size   530.61 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V, 10 A high surge silicon carbide power Schottky diode

STPSC10G065DY Datasheet (HTML) - STMicroelectronics


STPSC10G065DY Product details

Features
• AEC-Q101 qualified and PPAP capable
• None or negligible reverse recovery charge in application current range
• Switching behaviour independent of temperature
• High forward surge capability
• Operating Tj from -55 °C to +175 °C
• ECOPACK2 compliant component




Similar Part No. - STPSC10G065DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10G065D STMICROELECTRONICS-STPSC10G065D Datasheet
525Kb / 10P
650 V, 10 A high surge silicon carbide power Schottky diode
20-Mar-2025
More results


Similar Description - STPSC10G065DY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
logo
ON Semiconductor
FFSP1065B-F085 ONSEMI-FFSP1065B-F085 Datasheet
279Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com