Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC12G065-Y Datasheet (PDF) - STMicroelectronics

STPSC12G065-Y Datasheet PDF - STMicroelectronics
Part # STPSC12G065-Y
Download  STPSC12G065-Y Download
File Size   558.71 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V, 12 A high surge silicon carbide power Schottky diode

STPSC12G065-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC12G065-Y Datasheet PDF - STMicroelectronics

Part # STPSC12G065-Y
Download  STPSC12G065-Y Click to download

File Size   558.71 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V, 12 A high surge silicon carbide power Schottky diode

STPSC12G065-Y Datasheet (HTML) - STMicroelectronics


STPSC12G065-Y Product details

Features
• AEC-Q101 qualified and PPAP capable
• None or negligible reverse recovery charge in application current range
• Switching behaviour independent of temperature
• High forward surge capability
• Operating Tj from -55 °C to +175 °C
• ECOPACK2 compliant component




Similar Part No. - STPSC12G065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12G065 STMICROELECTRONICS-STPSC12G065 Datasheet
552Kb / 10P
650 V, 12 A high surge silicon carbide power Schottky diode
13-Oct-2025
STPSC12G065D STMICROELECTRONICS-STPSC12G065D Datasheet
552Kb / 10P
650 V, 12 A high surge silicon carbide power Schottky diode
13-Oct-2025
More results


Similar Description - STPSC12G065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com