Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12-Y Datasheet (PDF) - STMicroelectronics

STPSC20H12-Y Datasheet PDF - STMicroelectronics
Part # STPSC20H12-Y_V01
Download  STPSC20H12-Y Download
File Size   467.51 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1200 V, 20 A, silicon carbide power Schottky diode

STPSC20H12-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC20H12-Y Datasheet PDF - STMicroelectronics

Part # STPSC20H12-Y_V01
Download  STPSC20H12-Y Click to download

File Size   467.51 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1200 V, 20 A, silicon carbide power Schottky diode

STPSC20H12-Y Datasheet (HTML) - STMicroelectronics


STPSC20H12-Y Product details

Features
• AEC-Q101 qualified
• No or negligible reverse recovery
• Switching behavior independent of temperature
• Robust high voltage periphery
• PPAP capable
• Operating Tj from -40 °C to 175 °C
• D²PAK HV creepage distance (anode to cathode) = 5.38 mm min.
• ECOPACK compliant




Similar Part No. - STPSC20H12-Y_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H12-Y STMICROELECTRONICS-STPSC20H12-Y Datasheet
532Kb / 10P
Robust high voltage periphery
23-Jan-2017
More results


Similar Description - STPSC20H12-Y_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
logo
ON Semiconductor
FFSH20120A-F155 ONSEMI-FFSH20120A-F155 Datasheet
282Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
August, 2020 - Rev. 0
FFSB20120A-F085 ONSEMI-FFSB20120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
March, 2022 - Rev. 2
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D20120A WOLFSPEED-C4D20120A Datasheet
1Mb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D20120H WOLFSPEED-C4D20120H Datasheet
485Kb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022
E4D20120A WOLFSPEED-E4D20120A Datasheet
1Mb / 9P
E-Series Automotive 4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 1, April 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com