Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # SAP5SD-B-G1-R
Download  SAP5SD-B-G1-R Download
File Size   699.45 Kbytes
Page   62 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Universal Actuator-Sensor Interface IC

SAP5SD-B-G1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SAP5SD-B-G1-R Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Download  SAP5SD-B-G1-R Click to download

File Size   699.45 Kbytes
Page   62 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Universal Actuator-Sensor Interface IC

SAP5SD-B-G1-R Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


SAP5SD-B-G1-R Product details

Brief Description
SAP5S/SAP51 is a new generation CMOS integrated circuit for AS-I networks.
The low-level field bus AS-I (Actuator Sensor Interface) was designed for easy, safe and cost-effective interconnection of sensors, actuators and switches. It transports both power and data over the same two-wire unshielded cable.
SAP5S/SAP51 is used as a part of a master or slave node and works as an interface to the physical bus.
The device realizes power supply, physical data transfer and communication protocol handling and is fully compliant with AS-Interface Complete Specification V3.0.
SAP5S/SAP51 can be programmed by the user to operate in Standard Slave Mode, Safety Mode SAP5S only) or Master Mode.
The special AS-I Safety Mode (SAP5S only) assures short response times regarding security related events.
All configuration data are stored in an internal EEPROM that can be easily programmed by a stationary or handheld programming device.
SAP5S / SAP51 is optimized for harsh environments by it’s special burst protection circuitry and excellent electromagnetic compatibility.

Features
Compliant with ASI Complete Specification V3.0
Integrated safety code generator (SAP5S only)
Universal application: in slaves, masters, repeaters and bus-monitors
On-chip electronic inductor: 55 mA current drive capability
Two LED outputs to support Spec. V3.0 status indication modes
User programmable to operation in Standard Slave Mode, Safety Mode or Master Mode
Supports 5.33/16 MHz crystals by automatic frequency detection
Data pre-processing functions
Special burst protection circuitry
Excellent electromagnetic compatibility
Clock and communication watchdogs for high system security

Typical Applications
AS-I Master Modules
AS-I Slave Modules
AS-I Safety Modules (SAP5S only)




Similar Part No. - SAP5SD-B-G1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAP5SD-B-G1-R ETC2-SAP5SD-B-G1-R Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Integrated Device Techn...
SAP5SD-B-G1-R IDT-SAP5SD-B-G1-R Datasheet
874Kb / 66P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
SAP5SD-B-G1-R RENESAS-SAP5SD-B-G1-R Datasheet
1,007Kb / 67P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 28, 2016
More results


Similar Description - SAP5SD-B-G1-R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
Pressure Sensor Interface IC
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Melexis Microelectronic...
MLX75030 MELEXIS-MLX75030 Datasheet
4Mb / 72P
Universal ActiveLight Sensor Interface
logo
Pepperl+Fuchs Inc.
VBA-4E-KE1-Z PF-VBA-4E-KE1-Z Datasheet
272Kb / 3P
AS-Interface sensor/actuator module
VBA-4E-KE5-ZEJQ PF-VBA-4E-KE5-ZEJQ Datasheet
511Kb / 3P
AS-Interface sensor/actuator module
VBA-4E-KE-ZEJQ PF-VBA-4E-KE-ZEJQ Datasheet
311Kb / 3P
AS-Interface sensor/actuator module
VBA-2E-G10-ZAL-1M-2V31-G PF-VBA-2E-G10-ZAL-1M-2V31-G Datasheet
365Kb / 3P
AS-Interface sensor/actuator module
VBA-4E4A-G12-XEL PF-VBA-4E4A-G12-XEL Datasheet
332Kb / 3P
AS-Interface sensor/actuator module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com