Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  SAP5SD-B-G1-R Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is PRELIMINARY and subject to changes without notice.
Brief Description
SAP5S/SAP51
is
a
new
generation
CMOS
integrated circuit for AS-I networks.
The low-level field bus AS-I (Actuator Sensor
Interface) was designed for easy, safe and cost-
effective interconnection of sensors, actuators and
switches. It transports both power and data over the
same two-wire unshielded cable.
SAP5S/SAP51 is used as a part of a master or
slave node and works as an interface to the
physical bus.
The device realizes power supply, physical data
transfer and communication protocol handling and
is
fully
compliant
with
AS-Interface
Complete
Specification V3.0.
SAP5S/SAP51 can be programmed by the user to
operate in Standard Slave Mode, Safety Mode
SAP5S only) or Master Mode.
The special AS-I Safety Mode (SAP5S only)
assures short response times regarding security
related events.
All configuration data are stored in an internal
EEPROM that can be easily programmed by a
stationary or handheld programming device.
SAP5S
/
SAP51
is
optimized
for
harsh
environments
by
it’s
special
burst
protection
circuitry and excellent electromagnetic compatibility.
Features
 Compliant with ASI Complete Specification V3.0
 Integrated safety code generator (SAP5S only)
 Universal application: in slaves, masters,
repeaters and bus-monitors
 On-chip electronic inductor: 55 mA current drive
capability
 Two LED outputs to support Spec. V3.0 status
indication modes
 User programmable to operation in Standard
Slave Mode, Safety Mode or Master Mode
 Supports 5.33/16 MHz crystals by automatic
frequency detection
 Data pre-processing functions
 Special burst protection circuitry
 Excellent electromagnetic compatibility
 Clock and communication watchdogs for high
system security
Benefits
 Cost savings due to integrated Safety code
Generator (SAP5S)
 Functional and pin compatible to SAP4.1
 Automatic x-tal detection (5,3333MHz or
16,0000MHz)
 Supports AS-I complete Specification 3.0
Available Support
 ZMDI AS-Interface Programmer Kit USB
 ZMDI SAP5 Evaluation Board V2.0
Physical Characteristics
 Operational temperature range: -25 to +85°C
 SOP16 and SOP20 package
SAP5S/SAP51 Basic Application Circuit
+24V
+0V
ASI+
ASI-
ASI+
ASI-
SAP5S
U5R
CDC
LTPN
LTGP
OSC2
OSC1
UIN
UOUT
D2
D0
D1
D3
Standard Application
Safety Mode Slave Application
SAP51/
SAP5S
U5R
CDC
LTPN
LTGP
OSC2
OSC1
UIN
UOUT
PFAULT
D0...3
DSTBn
P0...3
LED2
LED1
PSTBn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com